Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7796FS Datasheet(PDF) 5 Page - Rohm

Part # BA7796FS
Description  VCR standard audio signal processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7796FS Datasheet(HTML) 5 Page - Rohm

  BA7796FS Datasheet HTML 1Page - Rohm BA7796FS Datasheet HTML 2Page - Rohm BA7796FS Datasheet HTML 3Page - Rohm BA7796FS Datasheet HTML 4Page - Rohm BA7796FS Datasheet HTML 5Page - Rohm BA7796FS Datasheet HTML 6Page - Rohm BA7796FS Datasheet HTML 7Page - Rohm BA7796FS Datasheet HTML 8Page - Rohm BA7796FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Video ICs
BA7796FS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
IqEE
7.4
9.8
13.0
mA
Fig.1
IqPB
7.4
9.8
13.0
mA
Fig.1
IqREC
6.4
8.4
11.2
mA
Fig.1
GVCLP
27.0
28.0
29.0
dB
GVCLT
19.0
20.0
21.0
dB
THDLT
—
0.1
0.3
%
7.3
10.5
—
dBV
—
– 81.5
– 75
dBV
VOA
– 8.2
– 7.2
– 6.2
dBV
THDA
—
0.1
0.5
%
MT
—
– 82.0
– 72
dB
GVCR
19.0
20.0
21.0
dB
THDR
—
0.13
0.4
%
VOmR
7.0
10.0
—
dBV
GVOR
60
71
—
dB
GVOP
61
68
—
dB
VNINP
—
– 122.5
– 114
dBV
GVCP
35.0
36.0
37.0
dB
RPH
—
11
20
Ω
RRH
—
11
20
Ω
BVRHDC
—
010
µA
BVRHAC
80
100
—
Fig.2
E3 =
± 55V
Fig.1
Fig.1
Fig.1
VOmLT
VNOLT
VP-P
VO = – 8dBV
VO = – 8dBV
Rg = 4.7k
Ω, DIN AUDIO
VIN = – 25dBV
VO = 0dBV, DIN AUDIO
LINE1, LINE2, TUNER
→REC OUT
VO = – 8dBV
Rg = 680
Ω, DIN AUDIO
PB IN
→PB OUT
f = 70kHz, V3
± 1.5V
VO = – 8dBV, RL = 4.7k
Ω∗
THD = 1%, RL = 4.7k
Ω∗
VIN = – 25dBV, RL = 4.7k
Ω∗
VO = – 8dBV, RL = 4.7k
Ω∗
THD = 1% , RL = 4.7k
Ω∗
∗ Measured at BW = 0.4 to 30kHz.
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Quiescent current EE
Quiescent current PB
Quiescent current REC
〈Line amplifier〉
Voltage gain (PB input)
Voltage gain (LINE1, LINE2, TU inputs)
Distortion
Maximum output level
Output residual noise
ALC level
ALC distortion
Mute attenuation ratio
〈Recording amplifier〉
Voltage gain
Distortion
Maximum output level
Openloop gain
〈Playback preamplifier〉
Openloop gain
Input conversion noise
Voltage gain (stand alone, SP mode)
〈Head switch〉
PB head switch impedance
REC head switch impedance
REC head switch DC withstanding voltage
REC head switch AC withstanding voltage
No signal input
No signal input
No signal input
—
—
—
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 12V, and f = 1kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com