Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7796FS Datasheet(PDF) 9 Page - Rohm

Part # BA7796FS
Description  VCR standard audio signal processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7796FS Datasheet(HTML) 9 Page - Rohm

Back Button BA7796FS Datasheet HTML 2Page - Rohm BA7796FS Datasheet HTML 3Page - Rohm BA7796FS Datasheet HTML 4Page - Rohm BA7796FS Datasheet HTML 5Page - Rohm BA7796FS Datasheet HTML 6Page - Rohm BA7796FS Datasheet HTML 7Page - Rohm BA7796FS Datasheet HTML 8Page - Rohm BA7796FS Datasheet HTML 9Page - Rohm BA7796FS Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Video ICs
BA7796FS
•Electrical characteristic curves
21
PB
SP; ON.
22
23
8.2k
12k
0.01
µ
22
µ
330
OUT
330k
60
50
40
30
20
10
100
1k
10k
100k
1M
10M
FREQUENCY: f (Hz)
EP
SP
VCC = 12V
VIN = – 65dBV
Fig. 4 Gain vs. frequency (PB amplifier)
+
0
100
LINE
10
µ
+
Vcc = 12V
THD = 1%
ALC OFF
200
500
1k
2k
5k
10k
2
4
6
8
10
VOUT
RL
LOAD RESISTANCE: RL (
Ω)
(BW = 0.4 ~ 30k [Hz])
Fig. 5 Line amplifier load drive
characteristics
INPUT LEVEL: VIN (dBV)
VCC = 12V
f = 1kHz
– 40
– 30
– 30
– 20
– 10
– 20
– 10
00
10
0
Fig. 6 ALC input / output characteristics
Input: LINE1 IN
Output: LINE OUT
5
64
OUT
12k
6000p
1800p
1.5k
15k
SP
EP
100
1k
10k
100k
50
40
30
20
10
FREQUENCY: f (Hz)
VCC = 12V
ALC
OFF
Input: LINE1 IN
Output: REC OUT
Fig. 7 Gain vs. frequency (REC amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com