Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7796FS Datasheet(PDF) 1 Page - Rohm

Part # BA7796FS
Description  VCR standard audio signal processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7796FS Datasheet(HTML) 1 Page - Rohm

  BA7796FS Datasheet HTML 1Page - Rohm BA7796FS Datasheet HTML 2Page - Rohm BA7796FS Datasheet HTML 3Page - Rohm BA7796FS Datasheet HTML 4Page - Rohm BA7796FS Datasheet HTML 5Page - Rohm BA7796FS Datasheet HTML 6Page - Rohm BA7796FS Datasheet HTML 7Page - Rohm BA7796FS Datasheet HTML 8Page - Rohm BA7796FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Video ICs
VCR standard audio signal processor
BA7796FS
The BA7796FS is a standard audio signal processor designed for use in VCRs and tape decks. The circuit is com-
prised of a playback preamplifier, a line amplifier, a recording amplifier, an ALC circuit, an EQ switch, and high-volt-
age head switch.
The IC has three input switching systems, and a built-in coil equivalent circuit for recording equalization, which elimi-
nates the need for an external component.
•Applications
Video cassette recorders and tape decks
•Features
1) Three input switching systems built-in (LINE1,
LINE2, and TUNER).
2) Built-in coil equivalent circuit for recording equaliza-
tion.
3) Two-mode EQ switch.
4) High-performance low-noise playback amplifier.
5) Fixed ALC level ( – 7.2dB when VCC = 12V).
6) Phase-inverting recording amplifier.
•Absolute maximum ratings (Ta = 25°C)
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
13
V
Pd
800∗
mW
Topr
°C
Tstg
°C
– 10 ~ + 65
– 55 ~ + 125
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
∗ When mounted on a 90mm × 50mm × 1.6mm glass epoxy board.
Reduced by 8.0mW for each increase in Ta of 1
°C over 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
7.5
—
12.5
V
Power supply voltage


Similar Part No. - BA7796FS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA779 VISHAY-BA779 Datasheet
54Kb / 4P
Silicon PIN Diodes
01-Apr-99
BA779 VISHAY-BA779 Datasheet
156Kb / 5P
RF PIN Diodes - Single in SOT23
19-Feb-07
logo
Guangdong Kexin Industr...
BA779 KEXIN-BA779 Datasheet
35Kb / 1P
Silicon PIN Diodes
logo
Infineon Technologies A...
BA779 INFINEON-BA779 Datasheet
62Kb / 5P
Current-controlled RF resistor for switching and attenuating applications
2007-04-19
logo
Vishay Siliconix
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
RF PIN Diodes - Dual in SOT-23
14-Apr-05
More results

Similar Description - BA7796FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Rohm
BA7795LS ROHM-BA7795LS Datasheet
163Kb / 12P
VCR standard audio signal processor
BA7797F ROHM-BA7797F Datasheet
108Kb / 8P
VCR standard audio signal processor
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
VCR audio signal processing system
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
VCR Audio Signal Recording and Playback Processor?
LA7289 SANYO-LA7289 Datasheet
210Kb / 11P
VCR Audio Signal Record and Playback Processor
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
VCR VHS Chroma Signal Processor
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
Luminance signal processor ic for vcr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com