Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA9756FS Datasheet(PDF) 2 Page - Rohm

Part # BA9756FS
Description  High-voltage control circuit for CRT displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9756FS Datasheet(HTML) 2 Page - Rohm

  BA9756FS Datasheet HTML 1Page - Rohm BA9756FS Datasheet HTML 2Page - Rohm BA9756FS Datasheet HTML 3Page - Rohm BA9756FS Datasheet HTML 4Page - Rohm BA9756FS Datasheet HTML 5Page - Rohm BA9756FS Datasheet HTML 6Page - Rohm BA9756FS Datasheet HTML 7Page - Rohm BA9756FS Datasheet HTML 8Page - Rohm BA9756FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BA9756FS
Multimedia ICs
!Pin descriptions
11
12
13
15
19
14
16
17
20
*1 N.C. pin processing
In order to boost the thermal effect of the IC, we recommend connecting this to the GND or to an adjacent pin.
*2
GND
(Power GND)
This may be shared with the signal GND, but make sure sufficiently stable grounding
is provided.
See*1.
A decoupling capacitor should be positioned in the vicinity of this pin.
N.C.
DTC IN
(dead time
control input)
ERRREF
(error amplifier input)
PWMOUT
(PWM output)
VCC2
(Power VCC)
ERROUT
(error amplifier output)
N.C.
VCC1
(signal VCC)
This is the input pin for the reference voltage.
This is the output pin for the error amplifier.
See*1.
18
N.C.
See*1.
A decoupling capacitor should be positioned in the vicinity of this pin.
If a voltage of less than GND or higher than VCC is applied because of external back
electromotive force, a protective diode should be inserted (*2).
If the protector circuit and thermal shutdown circuit are tripped, output is fixed at high (VCC)
level.
The voltage input to this pin enables restriction of the PWM output duty.
The duty control is between 0V and 9V, and approximately 0% to 100% is enabled. At 0V,
however, restrictions apply.
The minimum pulse width for the PWM is 0.85
µs (Typ. at 90kHz).
11
12
14
VCC2
TO FET gate
+
Pin No.
Pin name
Function
1
2
3
5
9
4
6
7
8
10
ERRIN
(error amplifier + input)
This is the recovery voltage input pin.
Capacitance should be determined taking into consideration the linearity at the minimum
oscillation frequency, and the response time when the frequency changes.
See*1.
This is the output pin for optimized sawtooth waves, based on the maximum oscillation
frequency.
fMax120kHz C = 1000pF
fMax100kHz
C = 1200pF
fMax 80kHz C = 1500pF
fMax 60kHz
C = 2000pF
N.C.
N.C.
N.C.
AGC
(constant for AGC)
SAWOUT
(constant for
sawtooth wave)
MMCR
(delay constant for
monostable multivibrator)
HDIN
(Hd pulse input)
VREF9
(Ref 9V output)
GND
(Signal GND)
See*1.
See*1.
A charging resistance of 4.7k
Ω or higher should be used.
The threshold level is 4.5V.
The threshold level is approximately 2.1V.
An output deviation of ± 0.7% is assured through trimming.
This may be shared with the power GND, but make sure sufficiently stable grounding
is provided.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com