Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA9756FS Datasheet(PDF) 5 Page - Rohm

Part # BA9756FS
Description  High-voltage control circuit for CRT displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9756FS Datasheet(HTML) 5 Page - Rohm

  BA9756FS Datasheet HTML 1Page - Rohm BA9756FS Datasheet HTML 2Page - Rohm BA9756FS Datasheet HTML 3Page - Rohm BA9756FS Datasheet HTML 4Page - Rohm BA9756FS Datasheet HTML 5Page - Rohm BA9756FS Datasheet HTML 6Page - Rohm BA9756FS Datasheet HTML 7Page - Rohm BA9756FS Datasheet HTML 8Page - Rohm BA9756FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BA9756FS
Multimedia ICs
!Electrical characteristics
(unless otherwise noted, Ta=25°C, Vcc=15V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Test Circuit
Fig.10
Fig.10
Fig.10
Fig.10
Fig.10
Fig.10
Fig.10
Fig.10
Fig.10
Fig.10
Fig.10
<Hd input pin>
Input high level voltage
Input low level voltage
Input high level current
Input low level current
<Monostable multivibrator>
Delay time
<SAW GEN>
Output high level
Output low level
Output level f characteristic
<Reference voltage supply>
Output voltage
Max. output current
Output voltage thermal
characteristics
Thermal shutdown
VIH
VIL
IIH
IIL
Tdl
HOS
LOS
fSAW
VREF9
Irmax9
TREF9
Tdow
3.0
-
-
-
1.80
8.0
0
150
8.937
10
-
100
-
-
360
0
2.15
9.0
0.15
200
9.0
-
± 0.1
-
V
V
µA
µA
µs
V
V
kHz
V
mA
%
deg
VIN = 15V
R = 10k
Ω,C = 220pF
-1dB drop from 30kHz
Guaranteed design parameter
at Ta = 25
→0°C, 25→75°C
Guaranteed design parameter
VCC
1.5
530
-1
2.50
10.0
0.35
-
9.063
-
± 0.3
-
-
-
-
-
-
-
-
—



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com