Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA9756FS Datasheet(PDF) 7 Page - Rohm

Part # BA9756FS
Description  High-voltage control circuit for CRT displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9756FS Datasheet(HTML) 7 Page - Rohm

  BA9756FS Datasheet HTML 1Page - Rohm BA9756FS Datasheet HTML 2Page - Rohm BA9756FS Datasheet HTML 3Page - Rohm BA9756FS Datasheet HTML 4Page - Rohm BA9756FS Datasheet HTML 5Page - Rohm BA9756FS Datasheet HTML 6Page - Rohm BA9756FS Datasheet HTML 7Page - Rohm BA9756FS Datasheet HTML 8Page - Rohm BA9756FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BA9756FS
Multimedia ICs
!Measurement conditions
(unless otherwise noted, Ta=25°C, Vcc=15V)
Parameter
Symbol
Circuit current
<Error amplifier>
Input bias current
Input offset voltage
Output low level voltage
Output high level voltage
Open voltage gain
Max. output current
<PWM amplifier>
Output high level voltage
Output low level voltage
Rise time
Fall time
Min. pulse width
<HD input pin>
Input high level voltage
Input low level voltage
Input high level current
Input low level current
<Monostable multivibrator>
Delay time
<SAW GEN>
Output high level
Output low level
<Reference voltage supply>
Output voltage
Max. output current
Output voltage thermal
characteristic
Thermal shutdown
ICC
IB
VIO
VOL
VOH
AV
IOM
VOH
VOL
Tr
Td
TMin
VIH
VIL
IIH
IIL
Tdl
HOS
LOS
fsaw
VREF9
Irmax9
TREF9
Tdow
-
1
1
1
1
-
1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1
1
1
1
1
1
1
2
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
3
3
3
3
3
2
1
3
3
3
3
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
1
1
1
1
1
1
1
1
1
2
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
-
1
2
2
2
-
2
-
-
-
-
-
-
-
-
-
-
-
-
-
1
2
1
1
-
1
-
-
-
-
-
-
-
-
-
-
-
-
-
Vs1 = 6V, IB = - VIN
×10–5
Vs1 = 6V, VIO = (V12 – 6)
× 10–2
Vs1 = 5V, Vs13 = 6V
Vs1 = 7V, Vs13 = 6V
SG1: f = 1kHz,VIN = 10mVP-P
Vs1 = 7V, Vs13 = 6V
Vs3 = 6V,Vs11 = 5V, Is9 = - 100mA
Vs3 = 6V,Vs11 = 7V, Is9 = ± 100mA
SG5: f = 90kHz
SG5: f = 90kHz
SG5: f = 90kHz
SG5: f = 90kHz
SG5: f = 90kHz
-
-
SG5: f = 90kHz, Vs4 = 9V
SG5: f = 90kHz
SG5: f = 90kHz
SG5: f = 30kHz
-
Is = – 10mA
Ta = 0˚C
→ 75 ˚C
Ta = 75˚C
Switch position
Conditions
SW1 SW3 SW4 SW5 SW6 SW9 SW11
-
1
1
1
1
-
2
-
-
-
-
-
-
-
-
-
-
-
-
SW12 SWa SWb
-
1
2
1
1
-
1
-
-
-
-
-
-
-
-
-
-
-
-
SWc
*1 The pin 12 output amplitude should be set to VO. AV = 20log (VO / VIN) [dB]
*2 For the method by which the output waveform is determined, refer to Fig. 14.
*3 An input frequency should be measured that produces a level of -1dB for a high output level (HOS) for the sawtooth waveform at an input frequency of
30kHz.
*4 The temperature is measured at the point where the temperature is raised to above Ta = 75˚C and the output level of pin 9 is high.
*1
*2
*2
*2
*2
*2
*2
*2
*2
*3
*4
Output level f
characteristic
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com