Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2002 Datasheet(PDF) 2 Page - Sames

Part # PM2002
Description  Energy Meter Evaluation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2002 Datasheet(HTML) 2 Page - Sames

  PM2002 Datasheet HTML 1Page - Sames PM2002 Datasheet HTML 2Page - Sames PM2002 Datasheet HTML 3Page - Sames PM2002 Datasheet HTML 4Page - Sames PM2002 Datasheet HTML 5Page - Sames PM2002 Datasheet HTML 6Page - Sames PM2002 Datasheet HTML 7Page - Sames PM2002 Datasheet HTML 8Page - Sames PM2002 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
sames
sames
PM2002DP
2/10
http://www.sames.co.za
MODULE SETUP
The PM2002DP module is setup for use with the SA2002D integrated circuit. Resistor values used on the module are calculated for
rated conditions of 80A/220V.
IIN
IIP
Vref
R2
R1
R0
FAST
Vdd
CNF
NC
AGND
IVP
DIRI
DIRO
NC
MON
Vss
LED
MOP
NC
P4
P5
P6
P7
P8
P9
P10
J3
P17
P16
P15
P14
P13
P12
P11
P18
J4
Vdd
Vss
J15
Vdd
Vss
J14
Vdd
Vss
J13
Vdd
Vss
J12
Vdd
Vss
J11
Vdd
Vss
J1
J2
1
2
JP3
Vss
J6
6 5 4 3 2 1 . 1
SA2002D
Figure 2: Jumper schematic, digital IO’s
Name
Function Description
J1
J1 is used to select the energy direction ( DIRI pin). The three options available are:
P18 connected to Vdd - Negative energy measurement
P18 connected to Vss - Positive energy measurement
P18 connected to J2 (P17) - Bi-directional energy measurement
P18 should not be left floating and must be connected to one of the options described above.
J2
J2 is only used to select bi-directional energy measurement when connected to P18
J3 and J4
These are test points placed next to the digital pins of the SA2002E
J5
Not fitted This is the current sense input ground. If a current transformer is used for current sensing the two
pins of J5 must be connected.
J6
Connects the impulse to VSS. If a stepper motor is connected to JP3 then J6 should be left open.
J7
Analog ground test point (see figure 1)
J8
Positive supply test point (Vdd) (see figure 1)
J9
Negative supply test point (Vss) (see figure 1)
J11, J12
and J13
Used to select the R2, R1 and R0 pins of the SA2002D for the various rated conditions. Refer to table 1 for the
possible settings
J14
Used to select fast calibration mode. Connecting P7 to Vdd selects fast calibration mode. For normal operation
P7 must be connected to Vss
J15
Used to select between normal and configure / test modes. For normal operation connect P9 to Vss.
J16
Used to select between 220V and 110V mains systems (See figure 3). Leave open for 220V mains.
Table 3: Jumper settings for various device options



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com