Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2002 Datasheet(PDF) 3 Page - Sames

Part # PM2002
Description  Energy Meter Evaluation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2002 Datasheet(HTML) 3 Page - Sames

  PM2002 Datasheet HTML 1Page - Sames PM2002 Datasheet HTML 2Page - Sames PM2002 Datasheet HTML 3Page - Sames PM2002 Datasheet HTML 4Page - Sames PM2002 Datasheet HTML 5Page - Sames PM2002 Datasheet HTML 6Page - Sames PM2002 Datasheet HTML 7Page - Sames PM2002 Datasheet HTML 8Page - Sames PM2002 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
sames
sames
PM2002DP
3/10
http://www.sames.co.za
ANALOG SECTION
The analog (metering) interface described in this section is
designed for measuring 220V/80A with precision better than
Class 1.
The most important external components for the SA2002D
integrated circuit are the current sense resistors, the voltage
sense resistors and the bias setting resistor. The resistors
used in the metering section should be of the same type so
temperature effects are minimized.
Voltage Input IVP
The voltage input of the SA2002D (IVP) is driven with a current
of 14µA at nominal mains voltage. This voltage input saturates
at approximately 17µA. At a nominal voltage current of 14µA
allows for 20% overdriving. The mains voltage is divided with a
voltage divider to 14V that is fed to the voltage input pins via a
1MW resistor
Voltage Divider
The voltage divider is (Figure 3) calculated for a voltage drop of
14V. Treat C7 as a short circuit and ignore J16. Equations for
the voltage divider in figure 3 are:
RB = R1 + R2 + R3 + R15 + R10
RB = R12 || ( R11 + P1 / 2)
Combining the two equations gives:
(RA + RB) / 220V = RB / 14V
Values for resistors R10 = 47W, R11 = 22kW, P1=10kW and
R12 = 1MW is chosen.
Substituting the values result in:
RB = 26.29kW
RA = RB x (220V / 14V - 1)
RA = 386.84kW
Figure 3: Mains voltage divider
R1
R2
R3
R10
R11
R12
NEUTRAL
C7
R15
J16
P1
LIVE IN
Standard resistor values of R1, R2, R3 and R15 are chosen to
be 47kW, 150kW, 47kW and 150kW. The resistor RA is divided
so that the voltage drop across one resistor is within the
specified limits of the resistor type that is used, usually
200VDC. The resistor value ratios are chosen so that shorting
J16 the module could be used on a 110VAC mains system.
CURRENT SENSOR INPUT RESISTORS FIGURE 4 (USING
A SHUNT RESISTOR)
The resistors R6, R7 define the current level into the current
sense inputs the device. The voltage drop across the shunt
should be at least 20mV at rated conditions. A shunt resistor
with a value of 50mV @80A was chosen for the application
module for its ease of use. The resistor values are calculated
for an input current of 16µA on the current inputs at rated
conditions. For a 80A meter the resistor values are calculated
as follows:
R6 = R7 = (I / 16µA) x R / 2
L
SH
= 80A / 16µA x 625uW / 2
= 1.5625kW
I
Line current
L =
A standard value of 1.6kW is chosen.
Figure 4: Current input configuration
R6
R7
R14
LIVE IN
LIVE OUT
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com