Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2002 Datasheet(PDF) 5 Page - Sames

Part # PM2002
Description  Energy Meter Evaluation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2002 Datasheet(HTML) 5 Page - Sames

  PM2002 Datasheet HTML 1Page - Sames PM2002 Datasheet HTML 2Page - Sames PM2002 Datasheet HTML 3Page - Sames PM2002 Datasheet HTML 4Page - Sames PM2002 Datasheet HTML 5Page - Sames PM2002 Datasheet HTML 6Page - Sames PM2002 Datasheet HTML 7Page - Sames PM2002 Datasheet HTML 8Page - Sames PM2002 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
sames
sames
PM2002DP
5/10
Symbol
Description
Detail
SA2002D
Diode, Silicon, 1N4007
Resistor, 47k, 1/4W, 1%, metal
Resistor, 150k, 1/4W, 1%, metal
Resistor, 100R, 1/4W, 1%, metal
Resistor, 1.6k, 1/4W, 1%, metal
Resistor, 2.4k, 1/4W, 1%, metal
Resistor, 47R, 2W, 5%, wire wound
Resistor, 22k, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Shunt resistor, 80A / 50mV
Resistor, 1/4W, 1%, metal
Capacitor, 220nF
Capacitor, 220nF, 16V, electrolytic
Capacitor, 470nF, 250VAC
Capacitor, 820nF
Capacitor
Capacitor, 2200uF, 16V, electrolytic
3mm Light emitting diode
Impulse counter, Kuebler, K07.80
Molex 3 pin connector, 200mil pin spacing
Molex 2 pin connector, 100mil pin spacing
Jumpers
Header pins
U1
D1, D2
R1, R3
DIP-20
R2, R15
R4, R5
R6, R7
R8, R9
R10
R11
R12
R13
R14
R16
P1
C1, C2
C3, C4
C5
C6
C7
C8
LED1, LED2
CNT1
SCK1
JP3
6
24
http://www.sames.co.za
COMPONENT LISTS
The following component list covers all components fitted on the PM2002DP module as shipped
Diode, Zener, 2.4V
D3, D4
Resistor, 1/4W, 1%, metal
Note 1
Note 1
Note 2
Note1: In case a current transformer is used on the board R16 is the termination resistor. Resistors R6 and R7 values may need to be
changed to match the CT used.
Note2: Capacitor values may be selected to compensate for phase errors caused by current transformers.
Table 4: Components for PM200DP module set up for 220V/80A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com