Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002EPA Datasheet(PDF) 9 Page - Sames

Part # SA2002EPA
Description  Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002EPA Datasheet(HTML) 9 Page - Sames

Back Button SA2002EPA Datasheet HTML 2Page - Sames SA2002EPA Datasheet HTML 3Page - Sames SA2002EPA Datasheet HTML 4Page - Sames SA2002EPA Datasheet HTML 5Page - Sames SA2002EPA Datasheet HTML 6Page - Sames SA2002EPA Datasheet HTML 7Page - Sames SA2002EPA Datasheet HTML 8Page - Sames SA2002EPA Datasheet HTML 9Page - Sames SA2002EPA Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
sames
sames
SA2002E
http://www.sames.co.za
Symbol
Description
Detail
SA2002E
Diode, Silicon, 1N4002
Diode, Silicon, 1N4002
Diode, Zener, 2.4V
Diode, Zener, 2.4V
Resistor, 110k, 1/4W, 1% metal
Resistor, 110k, 1/4W, 1% metal
Resistor, 110k, 1/4W, 1%, metal
Resistor, 680, 1/4W, 1%, metal
Resistor, 680, 1/4W, 1%, metal
Resistor, 820, 1/4W, 1%, metal
Resistor, 820, 1/4W, 1%, metal
Resistor, 47R, 2W, 5%, wire wound
Resistor, 680, 1/4W, 5%, carbon
Resistor, 22k 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 24k, 1/4W, 1%, metal
Trim pot, 5k, Multi turn
Capacitor, 220nF
Capacitor, 220nF
Capacitor, 100uF, 16V, electrolytic
Capacitor, 100uF, 16V, electrolytic
U1
D1
D2
D3
DIP-8
D4
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
P1
C1
C2
C3
C4
Shunt resistor
Parts List for Application Circuit: Figure 10
Note 1: Resistor (R6 and R7) values are dependant on the selected shunt resistor (R14) value.
Note 2: Capacitor C6 to be positioned as close as possible to supply pins.
Note 1
Note 1
Capacitor, 330nF, 250VAC
Capacitor, 820nF
C5
C6
4N35, Opto Coupler
U2
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com