Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002EPA Datasheet(PDF) 3 Page - Sames

Part # SA2002EPA
Description  Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002EPA Datasheet(HTML) 3 Page - Sames

  SA2002EPA Datasheet HTML 1Page - Sames SA2002EPA Datasheet HTML 2Page - Sames SA2002EPA Datasheet HTML 3Page - Sames SA2002EPA Datasheet HTML 4Page - Sames SA2002EPA Datasheet HTML 5Page - Sames SA2002EPA Datasheet HTML 6Page - Sames SA2002EPA Datasheet HTML 7Page - Sames SA2002EPA Datasheet HTML 8Page - Sames SA2002EPA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
sames
sames
SA2002E
http://www.sames.co.za
PIN DESCRIPTION
8
Pin
14
Pin
16
Pin
20
Pin
Designation
Description
8
14
16
20
GND
Analog Ground. The voltage to this pin should be mid-way
between V
and V .
DD
SS
4
5
5
8
V
DD
Positive supply voltage. The voltage to this pin is typically +2.5V
if a shunt resistor is used for current sensing or in the case of a
current transformer a +5V supply can be applied.
6
10
12
14
V
SS
Negative supply voltage. The voltage to this pin is typically -2.5V
if a shunt resistor is used for current sensing or in the case of a
current transformer a 0V supply can be applied.
7
13
15
19
IVP
Analog Input for Voltage. The current into the A/D converter
should be set at 14µA
at nominal mains voltage. The
RMS
voltage sense input saturates at an input current of ±25µA peak.
1, 2
1, 2
1, 2
1, 2
IIN, IIP
Inputs for current sensor. The shunt resistor voltage from each
channel is converted to a current of 16µA
at rated conditions.
RMS
The current sense input saturates at an input current of ±25µA
peak.
3
3
3
3
VREF
This pin provides the connection for the reference current setting
resistor. A 24kW resistor connected to V set the optimum
SS
operating condition.
5
8
6
12
FOUT
Pulse rate output. Refer to pulse output format for a description
of the pulse rate.
4
4
4
6
7
5
7
8
6
9
9
7
11
9
12
11
10
13
11
14
13
15
16
17
18
TP1
TP2
TP3
TP4
TP5
TP6
TP7
TP8
TP9
TP10
TP11
TP12
Leave pins unconnected.
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com