Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002EPA Datasheet(PDF) 2 Page - Sames

Part # SA2002EPA
Description  Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002EPA Datasheet(HTML) 2 Page - Sames

  SA2002EPA Datasheet HTML 1Page - Sames SA2002EPA Datasheet HTML 2Page - Sames SA2002EPA Datasheet HTML 3Page - Sames SA2002EPA Datasheet HTML 4Page - Sames SA2002EPA Datasheet HTML 5Page - Sames SA2002EPA Datasheet HTML 6Page - Sames SA2002EPA Datasheet HTML 7Page - Sames SA2002EPA Datasheet HTML 8Page - Sames SA2002EPA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage
V -V
-0.3
6.0
V
DD
SS
Current on any pin
I
-150
+150
mA
PIN
Storage Temperature
T
-40
+125
°C
STG
Operating Temperature
T
-25
+85
°C
O
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
sames
sames
SA2002E
2/10
3
http://www.sames.co.za
ELECTRICAL CHARACTERISTICS
#
(V = 2.5V, V = -2.5V, over the temperature range -10°C to +70°C , unless otherwise specified.)
DD
SS
Operating temp. Range
Supply Voltage: Positive
Current Sensor Inputs (Diffferential)
Input Current Range
Voltage Sensor Input (Asymmetrical)
Input Current Range
Pin FOUT
Output High Voltage
Output Low Voltage
°C
V
µA
µA
V
V
T
O
V
DD
I
II
I
IV
V
OL
V
OH
-25
-25
-25
2.25
V-1
DD
V+1
SS
+25
+25
+85
2.75
Peak value
Peak value
Condition
Unit
Max
Typ
Min
Symbol
Parameter
Supply Voltage: Negative
V
V
SS
-2.75
-2.25
Supply Current: Positive
I
DD
5
3
mA
Supply Current: Negative
I
SS
5
3
mA
With R = 24kW
connected to V
SS
Reference to V
SS
Pin VREF
Ref. Current
Ref. Voltage
µA
V
45
1.1
55
1.3
-I
R
V
R
50
# Extended Operating Temperature Range available on request.
Pulse Rate FOUT
At rated input conditions
Specified linearity
Min and Max frequency
Hz
Hz
Hz
1600
3000
1360
5
0
f
p



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com