Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002 Datasheet(PDF) 8 Page - Sames

Part # SA2002
Description  Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002 Datasheet(HTML) 8 Page - Sames

Back Button SA2002 Datasheet HTML 4Page - Sames SA2002 Datasheet HTML 5Page - Sames SA2002 Datasheet HTML 6Page - Sames SA2002 Datasheet HTML 7Page - Sames SA2002 Datasheet HTML 8Page - Sames SA2002 Datasheet HTML 9Page - Sames SA2002 Datasheet HTML 10Page - Sames SA2002 Datasheet HTML 11Page - Sames SA2002 Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
sames
sames
SA2002H
8/12
http://www.sames.co.za
TYPICAL APPLICATION
In figure 11, the components required for stand alone power
metering application, is shown. The application uses a shunt
resistor for the mains current sensing. The meter is designed
for 220V/40A I
operation. The most important external
MAX
components for the SA2002H integrated circuit are the current
sense resistors, the voltage sense resistors as well as the bias
setting resistor.
BIAS RESISTOR
R13 defines all on-chip and reference currents. With
R13=24kW, optimum conditions are set. Device calibration is
done on the voltage input of the device.
SHUNT RESISTOR
The voltage drop across the shunt resistor at rated current
should be at least 20mV. A shunt resistor with a value of 625µW
is chosen. The voltage drop across the shunt resistor is 25mV
at rated conditions (Imax). The power dissipation in the current
sensor is:
P=(40A)² x 625µW = 1W.
CURRENT SENSE RESISTORS
The resistors R6 and R7 define the current level into the
current sense inputs of the device. The resistor values are
selected for an input current of 16µA on the current inputs of
the SA2002H at rated conditions. According to equation
described in the Current Sense inputs section:
R6 = R7 = ( I / 16µA ) x RSH / 2
L
= 40A / 16µA x 625µW / 2
= 781.2W
A resistor with value of 820W is chosen, the 5% deviation from
the calculated value will be compensated for when calculating
resistor values for the voltage path.
VOLTAGE DIVIDER
The voltage divider is calculated for a voltage drop of 14V +
5%(14.7V). Equations for the voltage divider in figure 9 are:
RA = R1 + R2 + R3
RB = R12 || (R11+P1)
Combining the two equations gives:
(RA + RB) / 220V = RB / 14.7V
A 5k trimpot will be used in the voltage channel for meter
calibration. The center position on the pot is used in the
calculations. P1 = 2.5kW and values for resistors R11 = 22kW
and R12 =1MW is chosen.
Substituting the values will result in:
RB = 23.91kW
RA = RB x (230V/14.7V - 1) = 333kW so the resistor values of
R1, R2 and R3 are chosen to be 110kW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com