Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002 Datasheet(PDF) 5 Page - Sames

Part # SA2002
Description  Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002 Datasheet(HTML) 5 Page - Sames

  SA2002 Datasheet HTML 1Page - Sames SA2002 Datasheet HTML 2Page - Sames SA2002 Datasheet HTML 3Page - Sames SA2002 Datasheet HTML 4Page - Sames SA2002 Datasheet HTML 5Page - Sames SA2002 Datasheet HTML 6Page - Sames SA2002 Datasheet HTML 7Page - Sames SA2002 Datasheet HTML 8Page - Sames SA2002 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
sames
sames
SA2002H
http://www.sames.co.za
FUNCTIONAL DESCRIPTION
The SA2002H is a CMOS mixed signal Analog/Digital
integrated circuit, which performs power/energy calculations
across a power range of 1000:1, to an overall accuracy of
better than Class 1.
The integrated circuit includes all the required functions for 1-
phase power and energy measurement such as two
oversampling A/D converters for the voltage and current sense
inputs, power calculation and energy integration. Internal
offsets are eliminated through the use of cancellation
procedures. The SA2002H generates pulses, the frequency of
which is proportional to the measured power consumption.
One frequency output (FOUT) is available. The pulse rate
follows the instantaneous power consumption measured.
POWER CALCULATION
In the application circuit (figure 6), the voltage drop across the
shunt will be between 0 and 16mV
(0 to 80A through a shunt
RMS
resistor of 200µW) The voltage is converted to a current of
between 0 and 16uA
, by means of resistors R1 and R2. The
RMS
current sense inputs saturates at an input current of ±25µA
peak.
For the voltage sensor input, the mains voltage (230VAC) is
divided down through a divider (R3, R4 and P1) to 14V
. The
RMS
current into the A/D converter input is set at 14µA
at nominal
RMS
mains voltage, via resistor R5 (1MW). P1 may be varied for
calibration purposes.
In this configuration, with a mains voltage of 230V and a
current of 80A, the output frequency measured on the FOUT
pin is 1360Hz. In this case one pulse on FOUT correspond to
an energy consumption of 18.4kW/1360Hz = 13.53Ws.
ANALOG INPUT CONFIGURATION
The input circuitry of the current and voltage sensor inputs is
illustrated in figure 7. These inputs are protected against
electrostatic discharge through clamping diodes. The
feedback loops from the outputs of the amplifiers A and A
IV
generate virtual shorts on the signal inputs. Exact duplications
of the input currents are generated for the analog signal
processing circuitry.
Figure 6: Application circuit
Figure 7: Internal analog input configuration
GND
VDD
DR-01148
VOLTA GE
SENSOR
INPUT
IVP
SS
V
IIN
IIP
CURRENT
SENSOR
INPUTS
SS
V
SS
V
VDD
DD
V
A V
A I
DR-01587
R3
VDD
VREF
IIP
IIN
GND
IVP
VSS
FOUT
U1
SA2002H
R4
R5
R1
R2
R6
L
N
L
N
RSH
P1
GND
GND
VSS
VDD
GND
Supply
VDD
VSS
Pulse output
DIR
FMO
Fwd/Rev. Energy
Zero crossing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com