Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002 Datasheet(PDF) 1 Page - Sames

Part # SA2002
Description  Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002 Datasheet(HTML) 1 Page - Sames

  SA2002 Datasheet HTML 1Page - Sames SA2002 Datasheet HTML 2Page - Sames SA2002 Datasheet HTML 3Page - Sames SA2002 Datasheet HTML 4Page - Sames SA2002 Datasheet HTML 5Page - Sames SA2002 Datasheet HTML 6Page - Sames SA2002 Datasheet HTML 7Page - Sames SA2002 Datasheet HTML 8Page - Sames SA2002 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
+ Functionally compatible with the SA9602H with reduced
external components
+ Bi-directional power and energy measurement
+ Meets the IEC 521/1036 Specification requirements for
Class 1 AC Watt hour meters
+ Protected against ESD
sames
sames
Single Phase Bi-directional Power / Energy
Metering IC with Instantaneous Pulse Output
SA2002H
1/12
SA2002H (REV. 5)
17-08-00
+ Total power consumption rating below 25mW
+ Adaptable to different types of current sensors
+ Operates over a wide temperature range
+ Precision voltage reference on-chip
+ Precision oscillator on-chip
DESCRIPTION
The SAMES SA2002H is an enhancement of the SA9602H, as
the circuit contains the oscillator on chip.
The SAMES SA2002H single phase bi-directional
power/energy metering integrated circuit generates a pulse
rate output with a frequency proportional to the power
consumption.
The SA2002H performs a calculation for active power. The
method of calculation takes the power factor into account.
Energy consumption can be determined by the power
measurement being integrated over time.
This innovative universal single-phase power/energy metering
integrated circuit is ideally suited for energy calculations in
applications such as residential municipal metering and factory
energy metering and control.
The SA2002H integrated circuit is available in 8, 14 and 20 pin
dual-in-line plastic (DIP) as well as 16 and 20 pin small outline
(SOIC) package types.
Figure 1: Block diagram
IIP
IIN
IVP
GND
VREF
DR-01147
FMO*
POWER
TO
FREQUENCY
DIR*
FOUT
V
DD
V
SS
POWER
INTEGRATOR
ANALOG
SIGNAL
PROCESSING
TIMING
OSC
VOLTAGE
REF.
*FMO and DIR not availble in DIP-8 package type


Similar Part No. - SA2002

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002D SAMES-SA2002D Datasheet
100Kb / 10P
Single Phase Kilowatt-hour Metering IC for Mechanical Display Applications
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002EPA SAMES-SA2002EPA Datasheet
122Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002ESA SAMES-SA2002ESA Datasheet
122Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA2002HPAR-8 SAMES-SA2002HPAR-8 Datasheet
487Kb / 11P
Single Phase Bidirectional Power
More results

Similar Description - SA2002

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002EPA SAMES-SA2002EPA Datasheet
122Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com