Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2005 Datasheet(PDF) 8 Page - Sames

Part # SA2005
Description  Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005 Datasheet(HTML) 8 Page - Sames

Back Button SA2005 Datasheet HTML 2Page - Sames SA2005 Datasheet HTML 3Page - Sames SA2005 Datasheet HTML 4Page - Sames SA2005 Datasheet HTML 5Page - Sames SA2005 Datasheet HTML 6Page - Sames SA2005 Datasheet HTML 7Page - Sames SA2005 Datasheet HTML 8Page - Sames SA2005 Datasheet HTML 9Page - Sames SA2005 Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
sames
sames
SA2005F
http://www.sames.co.za
Symbol
Description
Detail
SA2005F
Resistor, 2.7k, 1/4W, 1% metal
Resistor, 2.7k, 1/4W, 1% metal
Resistor, 2.7k, 1/4W, 1% metal
Resistor, 2.7k, 1/4W, 1% metal
Resistor, 2.7k, 1/4W, 1% metal
Resistor, 2.7k, 1/4W, 1% metal
Resistor, 24k, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 1M, 1/4W, 1%, metal
Resistor, 22k, 1/4W, 1%, metal
Resistor, 22k, 1/4W, 1%, metal
Resistor, 22k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 120k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 130k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 1%, metal
Resistor, 1k, 1/4W, 1%, metal
Resistor, 2.7R, 1/4W, 1%, metal
Resistor, 2.7R, 1/4W, 1%, metal
Resistor, 2.7R, 1/4W, 1%, metal
Trim pot, 5k, Multi turn
Trim pot, 5k, Multi turn
U1
R1
R2
R3
DIP-20/SOIC-20
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19
R20
R21
R22
R23
R24
R25
R26
R27
P1
P2
Resistor, 120k, 1/4W, 1%, metal
Trim pot, 5k, Multi turn
Capacitor, 220nF
Capacitor, 220nF
Capacitor, 820nF
Capacitor, 820nF
Capacitor, 820nF
Capacitor, 820nF
3mm Light emitting diode
3mm Light emitting diode
Current Transformer, TZ76
P2
C1
C2
C3
C4
C5
C6
LED1
LED2
CT1
Current Transformer, TZ76
Current Transformer, TZ76
CT2
CT3
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 1
Note 2
Note 2
Note 2
Note 3
Note 1: Resistor (R1 to R6) values are dependant on the selection of the termination resistors (R25 to R27) and CT combination.
Note 2: Capacitor values may be selected to compensate for phase errors caused by the current transformers.
Note 3: Capacitor C6 to be positioned as close as possible to supply pins V and V of U1 as possible.
DD
SS
Parts List for Application Circuit: Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com