Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2005 Datasheet(PDF) 3 Page - Sames

Part # SA2005
Description  Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005 Datasheet(HTML) 3 Page - Sames

  SA2005 Datasheet HTML 1Page - Sames SA2005 Datasheet HTML 2Page - Sames SA2005 Datasheet HTML 3Page - Sames SA2005 Datasheet HTML 4Page - Sames SA2005 Datasheet HTML 5Page - Sames SA2005 Datasheet HTML 6Page - Sames SA2005 Datasheet HTML 7Page - Sames SA2005 Datasheet HTML 8Page - Sames SA2005 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
sames
sames
SA2005F
http://www.sames.co.za
Figure 2: Pin connections: Package: DIP-20, SOIC-20
DR-01571
1
IIP2
IVN2
GND
IIN2
IIN1
VREF
IVN3
IIP1
VSS
IIP3
IIN3
VDD
TEST
FOUT
IVN1
PGM1
PGM0
NC
TCLK
DIR
2
3
4
5
6
15
14
13
12
11
10
9
8
7
16
17
18
19
20
Part Number
SA2005FPA
SA2005FSA
Package
DIP-20
SOIC-20
ORDERING INFORMATION
PIN DESCRIPTION
Analog Ground. The voltage to this pin should be mid-way between V
and V .
DD
SS
Positive Supply voltage.
Negative Supply voltage.
The current into the A/D converter should be set at 14µA
at nominal mains
RMS
voltage. The voltage sense input saturates at an input current of ±25µA peak.
Inputs from current sensors. The shunt resistor voltage from each channel is
converted to a current of 16µA
at rated conditions. The current sense input
RMS
saturates at an input current of ±25µA peak.
This pin provides the connection for the reference current setting resistor.
A 24kW resistor connected to V sets the optimum operating condition.
SS
Test inputs. For normal operation these pins must be connected to V .
SS
Pulse rate output. The pulse frequency is proportional to the sum of the power
measured on all three phases. The pulse format also indicates the direction of
energy flow.
Direction output. This output indicates the direction of energy flow.
FOUT Pulse format Select. These inputs define the FOUT pulse width
and format.
GND
V
DD
V
SS
IVN1, IVN2, IVN3
IIN1, IIP1, IIN2, IIP2,
IIN3, IIP3
VREF
TCLK, TEST
FOUT
DIR
PGM0, PGM1
Designation
Description
PIN
16
6
14
17, 20, 3
19, 18, 2, 1,
5, 4
15
7, 10
12, 13
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com