Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2005 Datasheet(PDF) 6 Page - Sames

Part # SA2005
Description  Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005 Datasheet(HTML) 6 Page - Sames

Back Button SA2005 Datasheet HTML 2Page - Sames SA2005 Datasheet HTML 3Page - Sames SA2005 Datasheet HTML 4Page - Sames SA2005 Datasheet HTML 5Page - Sames SA2005 Datasheet HTML 6Page - Sames SA2005 Datasheet HTML 7Page - Sames SA2005 Datasheet HTML 8Page - Sames SA2005 Datasheet HTML 9Page - Sames SA2005 Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
sames
sames
SA2005F
6/10
http://www.sames.co.za
TYPICAL APPLICATION
In figure 5, the components required for the three phase
power/energy metering section of a meter, is shown. The
application uses current transformers for current sensing. The
4-wire meter section is capable of measuring 3x230V/80A with
precision better than Class 1.
The most important external components for the SA2005F
integrated circuit are the current sense resistors, the voltage
sense resistors as well as the bias setting resistor.
BIAS RESISTOR
R7 defines all on-chip and reference currents. With R7=24kW,
optimum conditions are set. Device calibration is done on the
voltage inputs of the device.
CT TERMINATION RESISTOR
The voltage drop across the CT termination resistor at rated
current should be at least 20mV. The CT’s used have low
phase shift and a ratio of 1:2500.The CT is terminated with a
2.7W resistor giving a voltage drop across the termination
resistor 864mV at rated conditions (Imax for the meter).
CURRENT SENSE RESISTORS
The resistors R1 and R2 define the current level into the
current sense inputs of phase one of the device. The resistor
values are selected for an input current of 16µA on the current
inputs at rated conditions.
According to equation described in the Current Sense inputs
section:
R1 = R2
= (I / 16µA ) x R / 2
LSH
= 80A /2500 / 16µA x 2.7W / 2
= 2.7kW
I = Line current / CT Ratio
L
The three current channels are identical so R1 = R2 = R3 = R4
= R5 = R6.
VOLTAGE DIVIDER
The voltage divider is calculated for a voltage drop of 14V.
Equations for the voltage divider in figure 5 are:
RA = R16 + R19 + R22
RB = R8 || (R13+P1)
Combining the two equations gives:
( RA + RB ) / 230V = RB / 14V
A 5k trimpot is used in each of voltage channel for meter
calibration. The center position of the pot is used in the
calculations. P1 = 2.5k and values for resistors R13 = 22k and
R8 =1M is chosen.
Substituting the values result in:
RB = 23.9k
RA = RB x (230V / 14V - 1)
RA = 368.9k.
Resistor values of R16, R19 and R22 is chosen to be 120k,
120k and 130k.
The three voltage channels are identical so R14= R15= R16 =
R17 = R18 = R19 and R20 = R21= R22.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com