Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532KA Datasheet(PDF) 15 Page - Sames

Part # SA2532KA
Description  SINGLE CHIP TELEPHONE FOR INDIA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532KA Datasheet(HTML) 15 Page - Sames

Back Button SA2532KA Datasheet HTML 11Page - Sames SA2532KA Datasheet HTML 12Page - Sames SA2532KA Datasheet HTML 13Page - Sames SA2532KA Datasheet HTML 14Page - Sames SA2532KA Datasheet HTML 15Page - Sames SA2532KA Datasheet HTML 16Page - Sames SA2532KA Datasheet HTML 17Page - Sames SA2532KA Datasheet HTML 18Page - Sames SA2532KA Datasheet HTML 19Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SA2532KA/B
15 /21
sames
sames
sames
sames
Electrical Characteristics
Absolute Maximum Ratings
Positive Supply Voltage ..................................... -0.3V
≤ V
DD
≤7V
Input current .................................................................. ±25mA
Input Voltage (LS) .................................... . ....... -0.3V
≤ V
IN
≤10V
Input Voltage (LI, CS) .......................................... -0.3V
≤ V
IN
≤8V
Input Voltage (STB, RI) .............................. -2V
≤ V
VIN
≤ V
DD+0.3V
Input Voltage (MO) ............................................ -0.3V
≤ V
IN
≤ 35V
Digital Input Voltage ................................... -0.3
≤ V
IN
≤ V
DD+0.3V
Electrostatic Discharge .................................................. ±800V
Storage Temperature ....................................... -55 ºC to +150ºC
Recommended Operating Conditions
Supply Voltage * (Speech Mode)............................. 4V
≤ V
DD
≤ 5V
Oscillator Frequency (Resonator: Murata CSA 3.58M G300)... 3.58 MHz
Operating Temperature ......................................... -10ºC to +55ºC
* This voltage is generated internally
DC Characteristics (ILINE = 20 mA unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Operating Current
Speech mode
MF dialling
LD dialling VDD = 2.5V Ring
mode VDD = 2.5V
3
4
200
300
5mA
mA
uA
uA
IDDO
Retention Current
Idle mode VDD = 2V,
TAMB = 25ºC
0.05
uA
VLI
Line Voltage
(default)
15mA
≤I
LINE
≤100mA
4.5
V
IOL
Output Current,
Sink
CS,HS/DP,MO
VOL = 0.4V
1.5
mA
IOh
Output Current,
Source
MODE OUT
VOh = VDD - 0.4V
-1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com