Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532KA Datasheet(PDF) 16 Page - Sames

Part # SA2532KA
Description  SINGLE CHIP TELEPHONE FOR INDIA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532KA Datasheet(HTML) 16 Page - Sames

Back Button SA2532KA Datasheet HTML 12Page - Sames SA2532KA Datasheet HTML 13Page - Sames SA2532KA Datasheet HTML 14Page - Sames SA2532KA Datasheet HTML 15Page - Sames SA2532KA Datasheet HTML 16Page - Sames SA2532KA Datasheet HTML 17Page - Sames SA2532KA Datasheet HTML 18Page - Sames SA2532KA Datasheet HTML 19Page - Sames SA2532KA Datasheet HTML 20Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
SA2532KA/B
16 /21
sames
sames
sames
sames
AC Characteristics (ILINE=20mA; f=800Hz unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TX
ATX
ATX/F
Transmit
Gain (M1/M2)
Variation with
Frequency
Test Circuit Fig.5
ZRI = 1000
Ω
f=500Hz to 3.4kHz
33.5
35
0.8
36.5
dB
dB
THD
Distortion
VLI
≤0.5V
RMS
2%
VAGC
ASCO
tATTACK
tDECAY
Soft Clip Level
Soft Clip
Overdrive
Attack Time
Decay Time
VLI =2
20
30
20
VPEAK
dB
us/6dB
ms/6dB
ZIN
Input Impedance
(M1/M2)
20
k
Ω
AMUTE
Mute Attenuation
Mute activated
60
dB
VNO
Noise Output
Voltage
-72
dBmp
VFC
Unwanted
Frequency
Components
50...20 kHZ
-60
dBm
VIN MAX
Input Voltage
Range
(M1/M2)
Differential
Single Ended
1
0.5
VPEAK
VPEAK
BJT
VIN MAX
VTX
Output Driver
Input Voltage
Range (LI)
Dynamic Range
2
2
VPEAK
VPEAK
RL
Return Loss
ZRL = 600 Ohms
15
dB
RX
ARX
DARX/F
Receive
Receive Gain
(RO1/RO2)
Variation with
Frequency
Test Circuit Fig.5
ZRL=600 Ω
f=500 Hz to 3.4 kHz
0.5
2
0.8
3.5
dB
dB
THD
Distortion
VRI
≤ 0.5VRMS
2%
VAGC
ASCO
tATTACK
tDECAY
Soft Clip Level
Soft Clip
Overdrive
Attact Time
Decay Time
VRI =
VRI > 0.8V
1
10
30
20
VPEAK
dB
us/6dB
ms/6dB
VNO
VFC
Noise Output
Voltage
Unwanted
Frequency
Components
50 Hz...20 kHz
-72
-60
dBmp
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com