Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532KA Datasheet(PDF) 18 Page - Sames

Part # SA2532KA
Description  SINGLE CHIP TELEPHONE FOR INDIA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532KA Datasheet(HTML) 18 Page - Sames

Back Button SA2532KA Datasheet HTML 13Page - Sames SA2532KA Datasheet HTML 14Page - Sames SA2532KA Datasheet HTML 15Page - Sames SA2532KA Datasheet HTML 16Page - Sames SA2532KA Datasheet HTML 17Page - Sames SA2532KA Datasheet HTML 18Page - Sames SA2532KA Datasheet HTML 19Page - Sames SA2532KA Datasheet HTML 20Page - Sames SA2532KA Datasheet HTML 21Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
SA2532KA/B
18 /21
sames
sames
sames
sames
AC Characteristics (contd) (ILINE = 20mA; f=800Hz unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tAP
Access Pause
1.9
2.0
2.1
sec
VMO
tMD
Tone Ringer
Melody Output
Level
Melody Delay
PDM
10
ms
F1
F2
F3
Frequency 1
Frequency 2
Frequency 3
1022
1363
1664
1065
1420
1734
1107
1476
1803
Hz
Hz
Hz
tDT
tTO
Detection Time
Detection
Time-out
Initial
70
Note 4
80
ms
ms
fMIN
fMAX
Min. Detection
Frequency
Max. Detection
Frequency
12
68
13
69
14
70
Hz
Hz
VRT
tRDT
tRTI
Reminder Tone
Level (RO1/RO2)
Duration
Interval
Relative to LS
-30
82.3
274
dBr
ms
ms
VCT
Comfort Tone
(DTMF)
Level (RO1/RO2)
Relative to LS
-30
dBr
Note 1:
The values are valid during LNR dialling and are minimum values during manual dialling, i.e. the
tones will continue as long as the key is depressed.
Note 2:
The rise time is the time from 10% of final value until the tone amplitude has reached 90% of its final
value.
Note 3:
Relative to high group.
Note 4:
The FCI circuit is reset by the POR and the HS/DPB pulled high (off hook). After a reset the FCI
circuit is in a standby state. A positive edge on FCI will initiate the frequency discrimination.
Whenever a period of the ring signal is missing, the timer is reset. When a valid ring signal is
present for more than one cycle, the melody generator is started and is directly controlled by the ring
signal. This condition will remain until a new reset.
Note 5:
This does not include the frequency deviation of the ceramic resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com