Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAN3021 Datasheet(PDF) 1 Page - Sames

Part # SAN3021
Description  Single Chip Telephone: Using dynamic microphone as tone ringer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SAN3021 Datasheet(HTML) 1 Page - Sames

  SAN3021 Datasheet HTML 1Page - Sames SAN3021 Datasheet HTML 2Page - Sames SAN3021 Datasheet HTML 3Page - Sames SAN3021 Datasheet HTML 4Page - Sames SAN3021 Datasheet HTML 5Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SAN3021
PDS038-SA2531/2-004
Rev. B
21-03-00
This Application Note describes how to modify the standard application AN1500A to use a dynamic microphone
instead of the standard electret microphone. Additionally, an application is shown, which uses the dynamic
microphone as tone ringer.
• Updating existing systems using dynamic handset microphone
• No need for a piezo ringer when using the dynamic microphone as tone ringer
Table of Contents
1
SCOPE................................................................................................................................................................. 1
2
KEY FEATURES ................................................................................................................................................. 1
3
OTHER APPLICABLE DOCUMENTS AND PAPERS ........................................................................................ 1
4
REVISION STATUS............................................................................................................................................. 1
5
GENERAL DESCRIPTION .................................................................................................................................. 2
6
HARDWARE CONFIGURATION......................................................................................................................... 2
6.1
USING THE DYNAMIC MICROPHONE AS TONE RINGER (SCHEMATIC :A)................................................................. 2
6.1.1
Ringer part ............................................................................................................................................. 2
6.1.2
Microphone amplifier part ...................................................................................................................... 3
6.2
AMPLIFIER FOR GENERAL PURPOSE APPLICATIONS (SCHEMATIC :B) ................................................................... 3
7
APPLICATION SCHEMATIC:............................................................................................................................. 4
8
LIABILITY AND COPYRIGHT STATEMENT...................................................................................................... 5
Application Note AN1500A: SA2532K Single Chip Telephone Demo Board
SAN3021 Application Note (this document)
SAN3021 Schematic
Rev. 1.1
sames
sames
sames
sames
SA2531/2 Single Chip Telephone:
Using dynamic microphone
as tone ringer
SAN3021
APPLICATION NOTE
1 Scope
2 Key Features
3 Other applicable documents and papers
4 Revision status


Similar Part No. - SAN3021

ManufacturerPart #DatasheetDescription
logo
Sames
SAN3020 SAMES-SAN3020 Datasheet
36Kb / 4P
SINGLE CHIP TELEPHONE POWER EXTRACTION FOR EXTERNAL LOADS
More results

Similar Description - SAN3021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
TELEPHONE TONE RINGER
logo
Unisonic Technologies
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
TELEPHONE TONE RINGER
31002A UTC-31002A_15 Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com