Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAN3021 Datasheet(PDF) 3 Page - Sames

Part # SAN3021
Description  Single Chip Telephone: Using dynamic microphone as tone ringer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SAN3021 Datasheet(HTML) 3 Page - Sames

  SAN3021 Datasheet HTML 1Page - Sames SAN3021 Datasheet HTML 2Page - Sames SAN3021 Datasheet HTML 3Page - Sames SAN3021 Datasheet HTML 4Page - Sames SAN3021 Datasheet HTML 5Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAN3021
3/5
sames
sames
sames
sames
6.1.2 Microphone Amplifier
Q5 is a simple “classic” amplifier, which amplifies the single ended signal by
≈10dB. Gain can be adjusted by
varying R21. R23 is the feedback resistor to set a stable DC bias point. R24 and R25 are setting the base voltage.
The transistor type used (in this case BC549) should be a general purpose low noise transistor.
The single ended signal is decoupled by C17. R26 is required to limit the input current to the amplifier during
ringing.
C15 and C16 are EMC capacitors to limit the bandwidth of the amplifier. Frequencies >10kHz are being attenuated.
The amplifier is supplied by (the initial electret microphone supply) R20 and C14. C14 should be increased to
220µF. Since this supply is derived from the line output, there will be some small ripple from the transmitted signal
at C14.
In order not to form a positive feedback loop from LI over the microphone supply, Q5 and the internal microphone
amplifier (M1/M2 to LI) , care must be taken to connect M1/M2 inputs in the correct manner as shown in the
application.
With this connection, a negative feedback loop is formed, rejecting any ripple on C14.
Because of the unbalanced, single ended structure of this amplifier, its input is very sensitive. Therefore it
is recommended to use this application only in one-piece telephones with shortest possible wires
between microphone and amplifier !
6.2 Amplifier for General Purpose Applications (Schematic :B)
This amplifier is similar to the amplifier described in pt. 6.1, however the microphone is balanced (RR23B and
RR26 = 2k
Ω).
Amplifier gain = RR21 / RR23B = 3:1 = 10dB.
This application can directly replace an electret microphone. Because of the differential, balanced structure of the
amplifier input , it is also suitable for longer distances between microphone and amplifier, e.g. corded handsets.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com