Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAN3021 Datasheet(PDF) 4 Page - Sames

Part # SAN3021
Description  Single Chip Telephone: Using dynamic microphone as tone ringer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SAN3021 Datasheet(HTML) 4 Page - Sames

  SAN3021 Datasheet HTML 1Page - Sames SAN3021 Datasheet HTML 2Page - Sames SAN3021 Datasheet HTML 3Page - Sames SAN3021 Datasheet HTML 4Page - Sames SAN3021 Datasheet HTML 5Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAN3021
4/5
sames
sames
sames
sames
7 Application schematic:
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
A
B
C
D
A
B
C
D
The information furnished here by SAMES is believed to be correct and accurate. However, SAMES shall not
be held liable to any party for any damages including but not limited to personal injury, property damage, loss of
profits, loss of use, interuption of business or indirect, special, incidental or consequential damages, of any kind,
in connection with or arising out of the furnishing, performance or use of the technical data. No obligation or
liability to any third party shall arise or flow out of SAMES rendering technical or other services.
OSC
R4
R3
R2
R1
C4
C3
C2
C1
HS/DP
MO
MODE
LLC
CS
CI
RR
AGND
RO2
STB
RO1
RI
LI
FCI
LS
M2
M1
IC1
SAMES Telecom
3rd March 1997
Date :
of
Single Chip Telephone Application Circuit
Rev :
Sch.
Sh
Pn#
SAN3021
01
01
off
on 7
5
6
8
SW1_b
Q6
BC549
Q5
BC549
Q4
BC 547B
D4
15V
D11
5V6
+
CC17
10U
+
CC18
10U
+
CC14
100u/25V
+
C8
10u/25V
+
C10
10u/16V
+
C9
470u/16V
+
C14
220u/25V
C12
X
C17
10n
RR23A
1K
RR23B
2K
RR25
12K
RR24
27K
RR21
3K
R25
110K
R24
360K
R21
6..10K
R23
2K
R26
1K1
R17
100K
R15
330K
R7
220K
M2
M1
LI
Applications Using Dynamic Handset Microphone
in one-piece telephones.
applications.
B. Amplifier for general
23
24
27
microphone as ringer
A. Using dynamic handset
27
3
2
23
24
5
16
15
14
13
20
19
18
17
12
11
26
4
9
22
8
10
7
25
6
28
1
21
1.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com