Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM44C4103C Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KM44C4103C
Description  4M x 4Bit CMOS Quad CAS DRAM with Fast Page Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM44C4103C Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KM44C4103C Datasheet HTML 3Page - Samsung semiconductor KM44C4103C Datasheet HTML 4Page - Samsung semiconductor KM44C4103C Datasheet HTML 5Page - Samsung semiconductor KM44C4103C Datasheet HTML 6Page - Samsung semiconductor KM44C4103C Datasheet HTML 7Page - Samsung semiconductor KM44C4103C Datasheet HTML 8Page - Samsung semiconductor KM44C4103C Datasheet HTML 9Page - Samsung semiconductor KM44C4103C Datasheet HTML 10Page - Samsung semiconductor KM44C4103C Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CMOS DRAM
KM44C4003C, KM44C4103C
TEST MODE CYCLE
Parameter
Symbol
-5
-6
Units
Notes
Min
Max
Min
Max
Random read or write cycle time
tRC
95
115
ns
Read-modify-write cycle time
tRWC
138
160
ns
Access time from RAS
tRAC
55
65
ns
3,4,10,12
Access time from CAS
tCAC
18
20
ns
3,4,5,12
Access time from column address
tAA
30
35
ns
3,10,12
RAS pulse width
tRAS
55
10K
65
10K
ns
CAS pulse width
tCAS
18
10K
20
10K
ns
RAS hold time
tRSH
18
20
ns
CAS hold time
tCSH
55
65
ns
Column address to RAS lead time
tRAL
30
35
ns
CAS to W delay time
tCWD
41
45
ns
7
RAS to W delay time
tRWD
78
90
ns
7
Column address to W delay time
tAWD
53
60
ns
7
CAS precharge to W delay time
tCPWD
58
65
ns
7
Fast Page mode cycle time
tPC
40
45
ns
Fast Page read-modify-write cycle time
tPRWC
81
90
ns
RAS pulse width (Fast Page cycle)
tRASP
55
200K
65
200K
ns
Access time from CAS precharge
tCPA
35
40
ns
3
OE access time
tOEA
18
20
ns
OE to data delay
tOED
18
20
ns
OE command hold time
tOEH
18
20
ns
( Note 11 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com