Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM44C4103C Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM44C4103C
Description  4M x 4Bit CMOS Quad CAS DRAM with Fast Page Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM44C4103C Datasheet(HTML) 1 Page - Samsung semiconductor

  KM44C4103C Datasheet HTML 1Page - Samsung semiconductor KM44C4103C Datasheet HTML 2Page - Samsung semiconductor KM44C4103C Datasheet HTML 3Page - Samsung semiconductor KM44C4103C Datasheet HTML 4Page - Samsung semiconductor KM44C4103C Datasheet HTML 5Page - Samsung semiconductor KM44C4103C Datasheet HTML 6Page - Samsung semiconductor KM44C4103C Datasheet HTML 7Page - Samsung semiconductor KM44C4103C Datasheet HTML 8Page - Samsung semiconductor KM44C4103C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CMOS DRAM
KM44C4003C, KM44C4103C
This is a family of 4,194,304 x 4 bit Quad CAS with Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access
of memory cells within the same row. Refresh cycle (2K Ref. or 4K Ref.), access time (-5 or -6), power consumption(Normal or Low
power) and package type(SOJ or TSOP-II) are optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only
refresh and Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version. Four separate CAS pins provide for
seperate I/O operation allowing this device to operate in parity mode.
This 4Mx4 Fast Page Mode Quad CAS DRAM family is fabricated using Samsung
′s advanced CMOS process to realize high band-
width, low power consumption and high reliability.
• Part Identification
- KM44C4003C/C-L (5V, 4K Ref.)
- KM44C4103C/C-L (5V, 2K Ref.)
• Fast Page Mode operation
• Four seperate CAS pins provide for separate I/O operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Self-refresh capability (L-ver only)
• Fast paralleltest mode capability
• TTL compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in Plastic SOJ and TSOP(II) packages
• Single +5V
±10% power supply
Control
Clocks
RAS
CAS0 - 3
W
Vcc
Vss
DQ0
to
DQ3
A0-A11
(A0 - A10) *1
A0 - A9
(A0 - A10) *1
Memory Array
4,194,304 x 4
Cells
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.
4M x 4Bit CMOS Quad CAS DRAM with Fast Page Mode
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
• Refresh Cycles
Part
NO.
Refresh
cycle
Refresh period
Normal
L-ver
C4003C
4K
64ms
128ms
C4103C
2K
32ms
• Performance Range
Speed
tRAC
tCAC
tRC
tPC
Remark
-5
50ns
13ns
90ns
35ns
5V/3.3V
-6
60ns
15ns
110ns
40ns
5V/3.3V
• Active Power Dissipation
Speed
Refresh Cycle
4K
2K
-5
495
605
-6
440
550
Unit : mW
Data out
Buffer
Data in
Buffer
OE
Note) *1 : 2K Refresh
Col. Address Buffer
Row Address Buffer
Refresh Counter
Refresh Control
Refresh Timer
Column Decoder
Row Decoder
VBB Generator


Similar Part No. - KM44C4103C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM44C4100C SAMSUNG-KM44C4100C Datasheet
340Kb / 20P
4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4105C SAMSUNG-KM44C4105C Datasheet
378Kb / 20P
4M x 4Bit CMOS Quad CAS DRAM with Extended Data Out
More results

Similar Description - KM44C4103C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F170411D SAMSUNG-K4F170411D Datasheet
225Kb / 20P
4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F660412D SAMSUNG-K4F660412D Datasheet
367Kb / 20P
16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4005C SAMSUNG-KM44C4005C Datasheet
378Kb / 20P
4M x 4Bit CMOS Quad CAS DRAM with Extended Data Out
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
logo
Micron Technology
MT4C4004 MICRON-MT4C4004 Datasheet
1Mb / 13P
1 MEG x 4 DRAM QUAD CAS PARITY, FAST PAGE MODE
MT4C4004J MICRON-MT4C4004J Datasheet
887Kb / 12P
1 MEG x 4 DRAM 5V, QUAD CAS PARITY, FAST PAGE MODE
logo
Alliance Semiconductor ...
AS4CM4EOQ ALSC-AS4CM4EOQ Datasheet
353Kb / 16P
4M X 4 CMOS Quad CAS DRAM (EDO) family
logo
Austin Semiconductor
AS4C4M4 AUSTIN-AS4C4M4 Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com