Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KM44C4103C Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM44C4103C
Description  4M x 4Bit CMOS Quad CAS DRAM with Fast Page Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM44C4103C Datasheet(HTML) 3 Page - Samsung semiconductor

  KM44C4103C Datasheet HTML 1Page - Samsung semiconductor KM44C4103C Datasheet HTML 2Page - Samsung semiconductor KM44C4103C Datasheet HTML 3Page - Samsung semiconductor KM44C4103C Datasheet HTML 4Page - Samsung semiconductor KM44C4103C Datasheet HTML 5Page - Samsung semiconductor KM44C4103C Datasheet HTML 6Page - Samsung semiconductor KM44C4103C Datasheet HTML 7Page - Samsung semiconductor KM44C4103C Datasheet HTML 8Page - Samsung semiconductor KM44C4103C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CMOS DRAM
KM44C4003C, KM44C4103C
ABSOLUTE MAXIMUM RATINGS
* Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted
to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Parameter
Symbol
Rating
Units
Voltage on any pin relative to VSS
VIN,VOUT
-1.0 to +7.0
V
Voltage on VCC supply relative to VSS
VCC Inputs
-1.0 to +7.0
V
Storage Temperature
Tstg
-55 to +150
°C
Power Dissipation
PD
1
W
Short Circuit Output Current
IOS
50
mA
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to Vss, TA= 0 to 70
°C)
*1 : VCC+2.0V/20ns, Pulse width is measured at VCC
*2 : -2.0/20ns, Pulse width is measured at VSS
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.4
-
VCC+1.0*1
V
Input Low Voltage
VIL
-1.0*2
-
0.8
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted.)
Parameter
Symbol
Min
Max
Units
Input Leakage Current (Any input 0
≤VIN≤VIN+0.5V,
all other input pins not under test=0 Volt)
II(L)
-5
5
uA
Output Leakage Current
(Data out is disabled, 0V
≤VOUT≤VCC)
IO(L)
-5
5
uA
Output High Voltage Level(IOH=-5mA)
VOH
2.4
-
V
Output Low Voltage Level(IOL=4.2mA)
VOL
-
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com