Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1A0903X01-R0B0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S1A0903X01-R0B0
Description  AM/FM TUNER MPX PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0903X01-R0B0 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S1A0903X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AM/FM TUNER + MPX + PLL
S1A0903X01
7
Preliminary
PARAMETER
SYMBOL
CONDITION
RATINGS
UNIT
MIN.
TYP.
MAX.
MPX
Maximum Input Voltage
Vimax
Stereo, THD = 3%
350
500
-
mV
Voltage Gain
Gv2
-5
-3
-1
dB
Channel Balance
CB
Mono
-1.5
0
1.5
dB
THD1
THD3
Mono
-
0.2
1.0
%
THD2
THD4
Stereo
-
0.2
1.0
%
Separation 1
CS1
Stereo, f = 100HZ
25
45
-
dB
Separation 2
CS2
Stereo, f = 1kHZ
32
45
-
dB
Separation 3
CS3
Stereo, f = 10kHZ
25
45
-
dB
LED Turning On ensitivity
Vlon
TUNLED=ON, Pilot only
-
8
16
mV
LED Turning Off ensitivity
Vloff
TUNLED=OFF, Pilot only
2
6
-
mV
Lamp Hysteresis
HY
-
2
-
mV
Capture Range
CR
Pilot only
-
8
-
%
S/R
S/N3
Mono
65
80
-
dB
DTS
Input Voltage
High Level
Vih
CE, DI, CL
0.7Vreg
-
-
V
Low Level
Vil
CE, DI, CL
0
-
0.3Vreg
V
Output Voltage High Level
Voh1
PD : lo = -1mA
0.7Vreg
-
-
V
Low Level
Vol1
PD : lo = 1mA
-
-
0.3Vreg
V
Vol2
DO : lo = 5mA
0
-
0.3Vreg
V
Output Voltage Range
Vo
Aout
0
-
9
V
Internal Feedback egistance
Rf
XIN
-
0.4
-
M
Ω
Input Current
Iin1
CE, DI, CL = VDD
r GND
-
-
5
µA
Iin2
XIN = VDD or GND
1.3
-
8
µA
Supply Current
Idd1
X'tal = 10.8MHz,
M = 130MHz
-
2.5
6
mA
Idd2
PLL stop mode,
X'tal = 10.8MHz
-
0.3
-
mA
Idd3
PLL stop mode,
X'tal stop mode
-
-
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com