Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1A0903X01-R0B0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1A0903X01-R0B0
Description  AM/FM TUNER MPX PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0903X01-R0B0 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1A0903X01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AM/FM TUNER + MPX + PLL
S1A0903X01
3
Preliminary
PIN DESCRIPTION
Pin No.
Symbol
In/out
Function
1
LOUT
O
Stereo left channel output
2
ROUT
O
Stereo right channel output
3
TUNLED
O
Tuning LED
4
STLED
O
Stereo LED
5
VSSA
-
Ground
6
AOUT
O
Connections for the MOS Tr. used for the PLL active LPF.
7
AIN
I
8
PD
O
PLL charge pump output
9
VSSX
-
Ground
10
XOUT
O
Crystal oscillator element connection.
75kHz, 3.6MHz, 7.2MHz, 10.8MHz)
11
XIN
I
12
DO
O
Serial data output to the microprocessor
13
CL
I
Clock used for data synchronization for serial data input (DI) and
serial data output (DO)
14
DI
I
Serial data input from the microprocessor
15
CE
I
Chip enable for serial I/O
16
VSSD
-
Ground
17
TEST1
I/O
Only for test
18
TEST2
I/O
-
19
TEST3
O
-
20
VDD
-
Regulator voltage input
21
VREG
-
Regulator voltage output
22
NC
-
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com