Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1A0903X01-R0B0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1A0903X01-R0B0
Description  AM/FM TUNER MPX PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0903X01-R0B0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1A0903X01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1A0903X01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AM/FM TUNER + MPX + PLL
S1A0903X01
1
Preliminary
GENERAL DESCRIPTION
OVERVIEW
•
AM : AM RF Mixer, AM OSC, AM_IF AMP, AM Detector, AGC,
Tuning LED Driver,
•
OSC Buffer, IF Buffer
•
FM : RF Amp, FM RF Mixer, FM OSC, FM_IF AMP, Quadrature
Detector,
•
Tuning LED Driver, OSC Buffer, IF Buffer
•
MPX : PLL, Stereo Decoder, Stereo LED, MPX VCO SELF-
Adjustment
•
DTS : Prescaler, AM/FM Programmable Divider, AM/FM IF Counter,
•
Lock Detector, LED Controller
•
Microprocessor Interface
FEATURES
•
Adopt New FCC
•
AM/FM 1 Chip DTS with PLL
•
MPX-VCO SELF-Adjustment
•
Programmable Divider
— FM : 10 - 160MHz <Pulse Swallow Technique>
— AM : 2 - 40MHz <Pulse Swallow Technique>
0.5 - 10MHz <Direct Division Technique>
•
IF Counter : 0.4 - 12MHz <AM/FM IF Counting>
•
Reference Frequency
— Selectable Crystal (75kHz, 3.6MHz, 7.2MHz, 10.8MHz) Choice
•
Package : 44 QFP
ORDERING INFORMATION
Device
Package
Operating Temperature
S1A0903X01-R0B0
44-QFP-1010B
−20°C - +75°C
44
−QFP−1010B


Similar Part No. - S1A0903X01-R0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
AM/FM TUNER MPX
S1A0900X01-A0B0 SAMSUNG-S1A0900X01-A0B0 Datasheet
197Kb / 10P
AM/FM TUNER MPX
S1A0900X01-S0B0 SAMSUNG-S1A0900X01-S0B0 Datasheet
197Kb / 10P
AM/FM TUNER MPX
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
AM/FM TUNER MPX
S1A0901A01-S0B0 SAMSUNG-S1A0901A01-S0B0 Datasheet
154Kb / 10P
AM/FM TUNER MPX
More results

Similar Description - S1A0903X01-R0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
AM/FM TUNER MPX
KA2295-Q SAMSUNG-KA2295-Q Datasheet
247Kb / 8P
AM/FM TUNER MPX
KB22902 SAMSUNG-KB22902 Datasheet
122Kb / 6P
AM/FM TUNER MPX
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
AM/FM TUNER MPX
S1A2298A01 SAMSUNG-S1A2298A01 Datasheet
172Kb / 10P
AM/FM TUNER MPX
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
AM/FM Tuner with MPX Stereo Demodulator
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
AM/FM TUNER MPX
KA22901 SAMSUNG-KA22901 Datasheet
212Kb / 10P
AM/FM TUNER MPX
logo
Panasonic Semiconductor
AN7025K PANASONIC-AN7025K Datasheet
386Kb / 6P
AM Tuner/FM-IF FM MPX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com