Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG1C Datasheet(PDF) 1 Page - Sanken electric

Part # RG1C
Description  Ultra-Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RG1C Datasheet(HTML) 1 Page - Sanken electric

  RG1C Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SANKEN ELECTRIC CO., LTD.
RG1C
030108
1/4
61426-01
1 Scope
The present specifications shall apply to an RG1C.
2 Outline
High Frequency Rectification
Type
Silicon Rectifier Diode
Structure
Resin Molded
Applications
High Frequency Rectification, etc.
3 Flammability
UL94V-0(Equivalent)
4 Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
1000
2
Peak Reverse Voltage
VRM
V
1000
3
Average Forward Current
IF(AV)
A
0.7
Refer to derating curve
in Section 7
4
Peak Surge Forward Current
IFSM
A
10
10ms.
Half sine wave, one shot
5
I
2t Limiting Value
I
2t
A
2s
0.5
1ms≦t≦10ms
6
Junction Temperature
Tj
°C
-40~+150
7
Storage Temperature
Tstg
°C
-40~+150
5 Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Rating
Conditions
1
Forward Voltage Drop
VF
V
3.3 max.
IF=0.7A
2
Reverse Leakage Current
IR
µA
20 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
mA
250 max.
VR=VRM, Tj=150°C
4
Reverse Recovery Time
trr1
ns
100 max.
IF=IRP=100mA
90% Recovery point, Tj=25°C
trr2
ns
50 max.
IF=100mA,IRP=200mA
75% Recovery point ,Tj=25°C
5
Thermal Resistance
Rth(j-c)
°C/W
15 max.
Between Junction and Lead


Similar Part No. - RG1C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RG1C EIC-RG1C Datasheet
73Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Rugao Dachang Electroni...
RG1C DACHANG-RG1C Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 1000V Forward Current 0.7A
logo
Sanken electric
RG1C SANKEN-RG1C Datasheet
191Kb / 4P
Silicon Rectifier Diode
logo
SUNMATE electronic Co.,...
RG1C SUNMATE-RG1C Datasheet
357Kb / 2P
ULTRA FAST RECOVER Y RECTIFIER DIODES
logo
Rugao Dachang Electroni...
RG1C DACHANG-RG1C_15 Datasheet
119Kb / 2P
Plastic Ultra-Fast Recover Rectifier
More results

Similar Description - RG1C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com