Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR9012 Datasheet(PDF) 2 Page - Sanken electric

Part # STR9012
Description  5-Terminal, Low Dropout Voltage Dropper Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR9012 Datasheet(HTML) 2 Page - Sanken electric

  STR9012 Datasheet HTML 1Page - Sanken electric STR9012 Datasheet HTML 2Page - Sanken electric STR9012 Datasheet HTML 3Page - Sanken electric STR9012 Datasheet HTML 4Page - Sanken electric STR9012 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
67
sOutline Drawing
(unit:mm)
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 14.5g
Terminal Connections
q Output (backside of case)
w Output Fine Adjustment
e Output ON/OFF Control
r Input
t Ground
sBlock Diagram
4
1
2
3
5
M
Tr1
Tr2
R2
R1
R4
R6
R7
R8
R5
R3
qSTR9000 Series
36.0
±0.3
2.0
±0.2
24.4
±0.2
5.45
×4
2.0
3.0
3.5
5.45
1.0
+0.2
–0.1
0.6
+0.2
–0.1
6.0max.
q
wert
Part Number
Lot Number



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com