Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR9012 Datasheet(PDF) 1 Page - Sanken electric

Part # STR9012
Description  5-Terminal, Low Dropout Voltage Dropper Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR9012 Datasheet(HTML) 1 Page - Sanken electric

  STR9012 Datasheet HTML 1Page - Sanken electric STR9012 Datasheet HTML 2Page - Sanken electric STR9012 Datasheet HTML 3Page - Sanken electric STR9012 Datasheet HTML 4Page - Sanken electric STR9012 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
66
Parameter
Input Voltage
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Ripple Rejection
Overcurrent Protection
Starting Current
Output ON/OFF Control Voltage
(Voltage between terminal No.3 and 5)
Voltage with Output Off
Symbol
VIN
IO
PD1
PD2
Tj
Top
Tstg
Rth(j-c)
STR9000 Series
5-Terminal, Low Dropout Voltage Dropper Type
(Ta=25
°C)
sElectrical Characteristics
Unit
V
V
V
mV
mV
mV/
°C
dB
A
V
V
V
(Ta=25
°C)
*Output is turned on when voltage between terminal No.3 and 5 is less than 0.6V, and turned off if more than 2.0V.
Symbol
VIN
VO
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
RREJ
Conditions
IS1
Conditions
VO(ON)
VO(OFF)
VO
Conditions
Ratings
STR9005
STR9012
STR9015
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
615
13
25
16
25
4.9
5.0
5.1
11.8
12.0
12.2
14.8
15.0
15.2
VIN=8V, IO=2.0A
VIN=16V, IO=2.0A
VIN=20V, IO=2.0A
0.5
0.5
0.5
IO=2.0A
1.0
1.0
1.0
IO=4.0A
10
30
30
80
50
100
VIN=6 to 15V, IO=2.0A
VIN=13 to 25V, IO=2.0A
VIN=16 to 25V, IO=2.0A
40
100
80
200
100
200
VIN=8V, IO=0 to 3.0A
VIN=16V, IO=0 to 3.0A
VIN=20V, IO=0 to 3.0A
±0.5
±1.5
±1.5
54
54
54
f=100 to 120HZ
4.1
4.1
4.1
VIN=8V
VIN=16V
VIN=20V
0.6
0.6
0.6
2.0
2.0
2.0
0.5
0.5
0.5
VIN=8V, IO=0A
VIN=15V, IO=0A
VIN=20V, IO=0A
sFeatures
• 5-terminal regulator with two screw mount package
• Output current: 4.0A
• Low dropout voltage :VDIF
≤1V (at IO=4A)
• Fine adjustment of output voltage
• Output ON/OFF control
• Built-in foldback overcurrent protection circuits
sApplications
• For stabilization of the secondary stage of switching power supplies
• Electronic equipment
sAbsolute Maximum Ratings
Unit
V
V
W
W
°C
°C
°C
°C/W
Ratings
STR9005
STR9012/9015
25
30
4.0
75(TC=25
°C)
3.2(Without heatsink, stand-alone operation)
–30 to +125
–20 to +100
–30 to +125
1.25
qSTR9000 Series
Parameter
DC Input Voltage
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Thermal Resistance (junction to case)


Similar Part No. - STR9012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR9-DK STMICROELECTRONICS-STR9-DK Datasheet
141Kb / 4P
Raisonance?셲 unlimited development tool bundles for STM32, STR7 and STR9
23-Oct-2008
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
Evaluation board for STR91xF
13-Apr-2006
STR910FAM32 STMICROELECTRONICS-STR910FAM32 Datasheet
1Mb / 99P
ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
26-Nov-2007
STR910FAM32 STMICROELECTRONICS-STR910FAM32 Datasheet
1Mb / 101P
ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
14-May-2008
STR910FAM32H6T STMICROELECTRONICS-STR910FAM32H6T Datasheet
1Mb / 99P
ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
26-Nov-2007
More results

Similar Description - STR9012

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
3-Terminal, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com