Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR9012 Datasheet(PDF) 5 Page - Sanken electric

Part # STR9012
Description  5-Terminal, Low Dropout Voltage Dropper Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR9012 Datasheet(HTML) 5 Page - Sanken electric

  STR9012 Datasheet HTML 1Page - Sanken electric STR9012 Datasheet HTML 2Page - Sanken electric STR9012 Datasheet HTML 3Page - Sanken electric STR9012 Datasheet HTML 4Page - Sanken electric STR9012 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
70
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(STR9005)
Circuit Current(STR9005)
Rise Characteristics(STR9005)
Rise Characteristics(STR9012)
Rise Characteristics(STR9015)
Overcurrent Protection Characteristics(STR9005)
Overcurrent Protection Characteristics(STR9012)
Overcurrent Protection Characteristics(STR9015)
–20
0
20
40
60
80
100 120 140
5.04
5.02
5.00
4.98
4.96
4.94
Ambient Temperature Ta (
°C)
VIN=8V
lO=10mA
0
5
10
15
17.5
70
60
50
40
30
20
10
0
VO=5V
lO=4A
3A
2A
1A
0A
Input Voltage VIN (V)
0
510
15
20
7
6
5
4
3
2
1
0
Input Voltage VIN (V)
lO=0A
1A
2A
3A
4A
lO=0A
1A
2A
3A
4A
0
5
10
20
15
22.5
15
10
5
0
Input Voltage VIN (V)
lO=0A
1A
2A
3A
4A
0
5
10
20
15
22.5
Input Voltage VIN (V)
17.5
15
10
5
0
lO=0A
1A
2A
3A
4A
0
1
2
3
4
567
8
7
6
5
4
3
2
1
0
Output Current lO (A)
01
2
3
4
5
67
9
8
15
10
5
0
Output Current lO (A)
01
2
3
4
5
6
7
9
8
17.5
15
10
5
0
Output Current lO (A)
(Ta=25
°C)
qSTR9000 Series
0
1.0
3.0
3.0
4.0
1.0
0.8
0.6
0.4
0.2
0
Output Current lO (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com