Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5694 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5694
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5694 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5694 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2037 / 2SC5694
No.6587-1/5
Applications
•
Relay drivers, lamp drivers, motor drivers and
printer drivers.
Features
•
Adoption of MBIT process.
•
Large current capacity.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
•
High allowable power dissipation.
Specifications
( ):2SA2037
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(
−50)60
V
Collector-to-Emitter Voltage
VCEO
(
−)50
V
Emitter-to-Base Voltage
VEBO
(
−)6
V
Collector Current
IC
(
−)7
A
Collector Current (Pulse)
ICP
(
−)10
A
Base Current
IB
(
−)1.2
A
Collector Dissipation
PC
1.2
W
Tc=25
°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Ordering number : ENN6587
2SA2037 / 2SC5694
DC / DC Converter Applications
Package Dimensions
unit : mm
2042B
[2SA2037 / 2SC5694]
82200 TS IM TA-2916
PNP / NPN Epitaxial Planar Silicon Transistors
1 : Emitter
2 : Collector
3 : Base
SANYO : TO-126ML
4.0
1.0
1.0
8.0
1.6
0.8
0.8
0.75
3.3
3.0
0.7
2.4
4.8
1
2
3
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - 2SC5694

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5694 ISC-2SC5694 Datasheet
296Kb / 3P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5694

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1973 SANYO-2SA1973 Datasheet
44Kb / 4P
DC/DC Converter Applications
2SA2022 SANYO-2SA2022 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SA2025 SANYO-2SA2025 Datasheet
38Kb / 4P
DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
DC / DC Converter Applications
CPH5815 SANYO-CPH5815 Datasheet
39Kb / 5P
DC / DC Converter Applications
FTS2022 SANYO-FTS2022 Datasheet
41Kb / 4P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012_11 Datasheet
93Kb / 5P
DC / DC Converter Applications
2SA2013 SANYO-2SA2013_05 Datasheet
63Kb / 5P
DC / DC Converter Applications
CPH3121 SANYO-CPH3121_11 Datasheet
71Kb / 5P
DC / DC Converter Applications
CPH6121 SANYO-CPH6121 Datasheet
53Kb / 4P
DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com