Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5694 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5694
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5694 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5694 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2037 / 2SC5694
No.6587-3/5
0.1
25 7
32
5 7
32
5 7
3
1.0
100
10
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
7
3
100
2
5
7
3
2
5
10
1000
IT02354
--0.1
25 7
32
5 7
32
5 7
3
--1.0
--100
--10
f T -- IC
Collector Current, IC -- A
7
3
100
2
5
7
3
2
5
10
1000
--10
25 7
3
--100
25 7
3
--1000
25 7
3
--10000
IT02351
2SA2037
VCE= --2V
f T -- IC
Collector Current, IC -- A
7
3
100
2
5
7
3
2
5
10
1000
0.01
25 7
3
0.1
25 7
3
1.0
25
7
3
10
IT02352
2SC5694
VCE=2V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
7
3
100
2
5
7
3
2
5
10
1000
IT02353
2SA2037
f=1MHz
2SC5694
f=1MHz
1000
100
7
5
3
2
7
5
3
2
10
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
hFE -- IC
Collector Current, IC -- A
IT02350
Ta=75
°C
--25
°C
2SC5694
VCE=2V
7
5
3
2
10
1000
100
7
5
3
2
--0.01
3
25
--10
--0.1
73
25
7
3
25 7
--1.0
hFE -- IC
Collector Current, IC -- A
IT02349
Ta=75
°C
25
°C
--25
°C
2SA2037
VCE= --2V
25
°C
0
--1
--2
--3
--4
--5
--6
--7
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT02347
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1.2
1.0
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT02348
2SA2037
VCE= --2V
2SC5694
VCE=2V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com