Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5694 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5694
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5694 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5694 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5694 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2037 / 2SC5694
No.6587-2/5
VR
RB
VCC=20V
VBE= --5V
++
50
Ω
INPUT
OUTPUT
RL
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
10IB1= --10IB2=IC=2A
For PNP, the polarity is reversed.
0
0.4
0.8
1.2
1.6
2.0
0
--1
--2
--3
--4
--5
--6
--7
0
--0.4
--0.8
--1.2
--1.6
--2.0
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT02345
0
1
2
3
4
5
6
7
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT02346
From top
--200mA
--180mA
--160mA
--140mA
From left
200mA
180mA
160mA
--100mA
--120mA
120mA
140mA
100mA
80mA
60mA
40mA
20mA
10mA
5mA
--80mA
--10mA
--20mA
--40mA
--60mA
--5mA
IB=0
IB=0
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0
(--)0.1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)0.1
µA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)1A
150
300
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)500mA
(290)330
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(50)28
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)2.5A, IB=(--)125mA
(--150)130 (--300)260
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)2.5A, IB=(--)125mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0
(--50)60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0
(--)6
V
Turn-On Time
ton
See specified test circuit.
30
ns
Storage Time
tstg
See specified test circuit.
(250)300
ns
Fall Time
tf
See specified test circuit.
15
ns
Swicthing Time Test Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com