Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7364IPW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPW
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7364IPW Datasheet HTML 9Page - Texas Instruments THS7364IPW Datasheet HTML 10Page - Texas Instruments THS7364IPW Datasheet HTML 11Page - Texas Instruments THS7364IPW Datasheet HTML 12Page - Texas Instruments THS7364IPW Datasheet HTML 13Page - Texas Instruments THS7364IPW Datasheet HTML 14Page - Texas Instruments THS7364IPW Datasheet HTML 15Page - Texas Instruments THS7364IPW Datasheet HTML 16Page - Texas Instruments THS7364IPW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
10
0
10
20
30
40
50
60
-
-
-
-
-
-
100k
1G
Frequency(Hz)
10M
100M
V
=3.3V
Load=
||10pF
DC-CoupledOutput
V =200mV
S+
O
PP
R
L
R =150
L
W
R =75
L
W
R =75
L
W
R =150
L
W
FilterMode
BypassMode
1M
6.5
6
5.5
5
4.5
4
3.5
3
2.5
100k
10M
Frequency(Hz)
V
=3.3V
Load=
||10pF
DC-CoupledOutput
V =200mV
S+
O
PP
R
L
R =150
L
W
R =75
L
W
FilterMode
1M
6.5
6
5.5
5
4.5
4
3.5
3
2.5
1M
1G
Frequency(Hz)
V
=3.3V
Load=
||10pF
DC-CoupledOutput
V =200mV
S+
O
PP
R
L
R =150
L
W
R =75
L
W
BypassMode
100M
10M
45
0
45
90
135
180
225
270
315
360
-
-
-
-
-
-
-
-
100k
1G
Frequency(Hz)
10M
100M
V
=3.3V
Load=
||10pF
DC-CoupledOutput
V =200mV
S+
O
PP
R
L
R =150
L
W
R =75
L
W
R =75
L
W
R =150
L
W
FilterMode
BypassMode
1M
130
120
110
100
90
80
70
60
100k
100M
Frequency(Hz)
1M
10M
FilterMode
V
=3.3V
Load=
||10pF
DC-CoupledOutput
V =200mV
S+
O
PP
R
L
R =150
L
W
R =75
L
W
10
0
10
20
30
40
50
60
-
-
-
-
-
-
100k
1G
Frequency(Hz)
100M
V
=3.3V
Load=
||10pF
DC-CoupledOutput
S+
150 W
V =0.2V
O
PP
V =2V
O
PP
V =2V
O
PP
V =1V
O
PP
V =0.2V
O
PP
FilterMode
BypassMode
1M
10M
THS7364
www.ti.com
SBOS530 – AUGUST 2010
TYPICAL CHARACTERISTICS: 3.3 V, Standard-Definition (SD) Channels
With load = 150
Ω || 10 pF, dc-coupled input and output, unless otherwise noted.
SD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
SD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 2.
Figure 3.
SD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
SD CHANNELS PHASE vs FREQUENCY RESPONSE
Figure 4.
Figure 5.
SD CHANNELS GROUP DELAY vs FREQUENCY
SD CHANNELS LARGE-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 6.
Figure 7.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com