Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7364IPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPW
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPW Datasheet(HTML) 3 Page - Texas Instruments

  THS7364IPW Datasheet HTML 1Page - Texas Instruments THS7364IPW Datasheet HTML 2Page - Texas Instruments THS7364IPW Datasheet HTML 3Page - Texas Instruments THS7364IPW Datasheet HTML 4Page - Texas Instruments THS7364IPW Datasheet HTML 5Page - Texas Instruments THS7364IPW Datasheet HTML 6Page - Texas Instruments THS7364IPW Datasheet HTML 7Page - Texas Instruments THS7364IPW Datasheet HTML 8Page - Texas Instruments THS7364IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
THS7364
www.ti.com
SBOS530 – AUGUST 2010
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VS+
2.7
5
V
Ambient temperature, TA
–40
+85
°C
ELECTRICAL CHARACTERISTICS: VS+ = +3.3 V
At TA = +25°C, RL = 150 Ω to GND, Filter mode, and dc-coupled input/output, unless otherwise noted.
THS7364
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
AC PERFORMANCE (SD CHANNELS)
Passband bandwidth
–1 dB; VO = 0.2 VPP and 2 VPP
6.6
8.2
10
MHz
B
Small- and large-signal bandwidth
–3 dB; VO = 0.2 VPP and 2 VPP
8
9.5
11
MHz
B
Bypass mode bandwidth
–3 dB; VO = 0.2 VPP
85
150
MHz
B
Slew rate
Bypass mode; VO = 2 VPP
70
100
V/ms
B
With respect to 500 kHz(2), f = 6.75 MHz
–0.9
0.2
1.2
dB
B
Attenuation
With respect to 500 kHz(2), f = 27 MHz
42
54
dB
B
Group delay
f = 100 kHz
78
ns
C
Group delay variation
f = 5.1 MHz with respect to 100 kHz
11
ns
C
Channel-to-channel delay
0.3
ns
C
Differential gain
NTSC/PAL
0.25/0.35
%
C
Differential phase
NTSC/PAL
0.4/0.5
Degrees
C
Total harmonic distortion
f = 1 MHz, VO = 1.4 VPP
–69
dB
C
100 kHz to 6 MHz, non-weighted
70
dB
C
Signal-to-noise ratio
100 kHz to 6 MHz, unified weighting
78
dB
C
All channels, TA = +25°C
5.7
6
6.3
dB
A
Gain
All channels, TA = –40°C to +85°C
5.65
6.35
dB
B
f = 6.75 MHz, Filter mode
0.9
Ω
C
Output impedance
f = 6.75 MHz, Bypass mode
0.9
Ω
C
Disabled
20 || 3
k
Ω || pF
C
Return loss
f = 6.75 MHz, Filter mode
44
dB
C
Crosstalk
f = 1 MHz, SD to SD channels
–72
dB
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation only. (C) Typical value only for information.
(2)
3.3-V supply filter specifications are ensured by 100% testing at 5-V supply together with design and characterization.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com