Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7364IPW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPW
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS7364IPW Datasheet HTML 17Page - Texas Instruments THS7364IPW Datasheet HTML 18Page - Texas Instruments THS7364IPW Datasheet HTML 19Page - Texas Instruments THS7364IPW Datasheet HTML 20Page - Texas Instruments THS7364IPW Datasheet HTML 21Page - Texas Instruments THS7364IPW Datasheet HTML 22Page - Texas Instruments THS7364IPW Datasheet HTML 23Page - Texas Instruments THS7364IPW Datasheet HTML 24Page - Texas Instruments THS7364IPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
6.5
6
5.5
5
4.5
4
3.5
3
2.5
1M
1G
Frequency(Hz)
100M
V
=5V
Load=
||10pF
DC-CoupledOutput
S+
150 W
10M
V =0.2V
O
PP
V =2V
O
PP
V =2V
O
PP
V =1V
O
PP
V =0.2V
O
PP
FilterMode
BypassMode
10
0
10
20
30
40
50
60
-
-
-
-
-
-
100k
1G
Frequency(Hz)
10M
100M
V
=5V
Load=
||10pF
AC-vsDC-CoupledOutput
V =0.2V
S+
O
PP
150 W
1M
DC-CoupledOutput
AC-CoupledOutput
AC-CoupledOutput
DC-CoupledOutput
FilterMode
BypassMode
1.3
1.1
0.9
0.7
0.5
0.3
0.1
0.1
-
0
1200
Time(ns)
200
400
600
800
4
2
0
2
4
6
8
10
-
-
-
-
-
1000
V
=5V
f
=10MHz
S+
IN
V
BYPASS
V
OUT
7
6.5
6
5.5
5
4.5
4
3.5
3
2.5
100k
1G
Frequency(Hz)
10M
100M
DC-CoupledOutput
AC-CoupledOutput
AC-CoupledOutput
DC-CoupledOutput
FilterMode
BypassMode
V
=5V,Load=
||10pF,
AC-vsDC-CoupledOutput
S+
150
V =0.2V
W
O
PP
1M
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0.3
-
0
900
Time(ns)
100
200
300
400
4
2
0
2
4
6
8
10
12
14
-
-
-
-
-
-
-
700
600
500
800
V
=5V
BypassMode
S+
V
DISABLE
V
OUT
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0.3
-
0
800
Time(ns)
100
200
300
400
4
2
0
2
4
6
8
10
12
14
-
-
-
-
-
-
-
700
600
500
V
=5V
FilterMode
S+
V
DISABLE
V
OUT
THS7364
www.ti.com
SBOS530 – AUGUST 2010
TYPICAL CHARACTERISTICS: 5 V, Standard-Definition (SD) Channels (continued)
With load = 150
Ω || 10 pF, dc-coupled input and output, unless otherwise noted.
SD CHANNELS LARGE-SIGNAL GAIN vs FREQUENCY
SD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 45.
Figure 46.
SD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
SD CHANNELS BYPASS MODE RESPONSE vs TIME
Figure 47.
Figure 48.
SD CHANNELS DISABLE MODE RESPONSE vs TIME
SD CHANNELS DISABLE MODE RESPONSE vs TIME
Figure 49.
Figure 50.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com