Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 156 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 152Page - ATMEL Corporation AT90PWM2 Datasheet HTML 153Page - ATMEL Corporation AT90PWM2 Datasheet HTML 154Page - ATMEL Corporation AT90PWM2 Datasheet HTML 155Page - ATMEL Corporation AT90PWM2 Datasheet HTML 156Page - ATMEL Corporation AT90PWM2 Datasheet HTML 157Page - ATMEL Corporation AT90PWM2 Datasheet HTML 158Page - ATMEL Corporation AT90PWM2 Datasheet HTML 159Page - ATMEL Corporation AT90PWM2 Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 361 page
background image
156
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.18.1
Available Input Mode according to Running Mode
Some Input Modes are not consistent with some Running Modes. So the table below gives the
input modes which are valid according to running modes..
16.18.2
Event Capture
The PSC can capture the value of time (PSC counter) when a retrigger event or fault event
occurs on PSC inputs. This value can be read by sofware in PICRnH/L register.
16.18.3
Using the Input Capture Unit
The main challenge when using the Input Capture unit is to assign enough processor capacity
for handling the incoming events. The time between two events is critical. If the processor has
not read the captured value in the PICRn Register before the next event occurs, the PICRn will
be overwritten with a new value. In this case the result of the capture will be incorrect.
When using the Input Capture interrupt, the PICRn Register should be read as early in the inter-
rupt handler routine as possible. Even though the Input Capture interrupt has relatively high
priority, the maximum interrupt response time is dependent on the maximum number of clock
cycles it takes to handle any of the other interrupt requests.
Table 16-7.
Available Input Modes according to Running Modes
Input Mode
Number :
1 Ramp Mode
2 Ramp Mode
4 Ramp Mode
Centered Mode
1
Valid
Valid
Valid
Do not use
2
Do not use
Valid
Valid
Do not use
3
Do not use
Valid
Valid
Do not use
4
Valid
Valid
Valid
Valid
5
Do not use
Valid
Valid
Do not use
6
Do not use
Valid
Valid
Do not use
7
Valid
Valid
Valid
Valid
8
Valid
Valid
Valid
Do not use
9
Valid
Valid
Valid
Do not use
10
Do not use
11
12
13
14
Valid
Valid
Valid
Do not use
15
Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com