Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 157 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 157 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 153Page - ATMEL Corporation AT90PWM2 Datasheet HTML 154Page - ATMEL Corporation AT90PWM2 Datasheet HTML 155Page - ATMEL Corporation AT90PWM2 Datasheet HTML 156Page - ATMEL Corporation AT90PWM2 Datasheet HTML 157Page - ATMEL Corporation AT90PWM2 Datasheet HTML 158Page - ATMEL Corporation AT90PWM2 Datasheet HTML 159Page - ATMEL Corporation AT90PWM2 Datasheet HTML 160Page - ATMEL Corporation AT90PWM2 Datasheet HTML 161Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 361 page
background image
157
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.19 PSC2 Outputs
16.19.1
Output Matrix
PSC2 has an output matrix which allow in 4 ramp mode to program a value of PSCOUT20 and
PSCOUT21 binary value for each ramp.
PSCOUT2m takes the value given in Table 16-8. during all corresponding ramp. Thanks to the
Output Matrix it is possible to generate all kind of PSCOUT20/PSCOUT21 combination.
When Output Matrix is used, the PSC n Output Polarity POPn has no action on the outputs.
16.19.2
PSCOUT22 & PSCOUT23 Selectors
PSC 2 has two supplementary outputs PSCOUT22 and PSCOUT23.
According to POS22 and POS23 bits in PSOC2 register, PSCOUT22 and PSCOUT23 duplicate
PSCOUT20 and PSCOU21.
If POS22 bit in PSOC2 register is clear, PSCOUT22 duplicates PSCOUT20.
If POS22 bit in PSOC2 register is set, PSCOUT22 duplicates PSCOUT21.
If POS23 bit in PSOC2 register is clear, PSCOUT23 duplicates PSCOUT21.
If POS23 bit in PSOC2 register is set, PSCOUT23 duplicates PSCOUT20.
Figure 16-37. PSCOUT22 and PSCOUT23 Outptuts
16.20 Analog Synchronization
PSC generates a signal to synchronize the sample and hold; synchronisation is mandatory for
measurements.
Table 16-8.
Output Matrix versus ramp number
Ramp 0
Ramp 1
Ramp 2
Ramp 3
PSCOUT20
POMV2A0
POMV2A1
POMV2A2
POMV2A3
PSCOUT21
POMV2B0
POMV2B1
POMV2B2
POMV2B3
PSCOUT20
PSCOUT21
Waveform
Generator A
Waveform
Generator B
PSCOUT22
PSCOUT23
POS22
POS23
0
1
1
0
Output
Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com