Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 159 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 155Page - ATMEL Corporation AT90PWM2 Datasheet HTML 156Page - ATMEL Corporation AT90PWM2 Datasheet HTML 157Page - ATMEL Corporation AT90PWM2 Datasheet HTML 158Page - ATMEL Corporation AT90PWM2 Datasheet HTML 159Page - ATMEL Corporation AT90PWM2 Datasheet HTML 160Page - ATMEL Corporation AT90PWM2 Datasheet HTML 161Page - ATMEL Corporation AT90PWM2 Datasheet HTML 162Page - ATMEL Corporation AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 361 page
background image
159
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Note : Do not set the PARUNn bits on the three PSC at the same time.
Thanks to this feature, we can for example configure two PSC in slave mode (PARUNn = 1 /
PRUNn = 0) and one PSC in master mode (PARUNm = 0 / PRUNm = 0). This PSC master can
start all PSC at the same moment ( PRUNm = 1).
16.22.1
Fault events in Autorun mode
To complete this master/slave mechanism, fault event (input mode 7) is propagated from PSCn-
1 to PSCn and from PSCn to PSCn-1.
A PSC which propagate a Run signal to the following PSC stops this PSC when the Run signal
is deactivate.
According to the architecture of the PSC synchronization which build a “daisy-chain on the PSC
run signal” beetwen the three PSC, only the fault event (mode 7) which is able to “stop” the PSC
through the PRUN bits is transmited along this daisy-chain.
A PSC which receive its Run signal from the previous PSC transmits its fault signal (if enabled)
to this previous PSC. So a slave PSC propagates its fault events when they are configured and
enabled.
16.23 PSC Clock Sources
PSC must be able to generate high frequency with enhanced resolution.
Each PSC has two clock inputs:
•
CLK PLL from the PLL
•
CLK I/O
Figure 16-39. Clock selection
PCLKSELn bit in PSC n Configuration register (PCNFn) is used to select the clock source.
PPREn1/0 bits in PSC n Control Register (PCTLn) are used to select the divide factor of the
clock.
CLK
CLK PSCn
CLK
PLL
I/O
PRESCALER
CK
PPREn1/0
PCLKSELn
1
0
(1) : CK/16 for AT90PWM2/3
(2) : CK/64 for AT90PWM2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com