Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 163 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 163 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 159Page - ATMEL Corporation AT90PWM2 Datasheet HTML 160Page - ATMEL Corporation AT90PWM2 Datasheet HTML 161Page - ATMEL Corporation AT90PWM2 Datasheet HTML 162Page - ATMEL Corporation AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation AT90PWM2 Datasheet HTML 164Page - ATMEL Corporation AT90PWM2 Datasheet HTML 165Page - ATMEL Corporation AT90PWM2 Datasheet HTML 166Page - ATMEL Corporation AT90PWM2 Datasheet HTML 167Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 361 page
background image
163
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.25.7
Output Compare RB Register – OCRnRBH and OCRnRBL
Note : n = 0 to 2 according to PSC number.
The Output Compare Registers RA, RB, SA and SB contain a 12-bit value that is continuously
compared with the PSC counter value. A match can be used to generate an Output Compare
interrupt, or to generate a waveform output on the associated pin.
The Output Compare Registers RB contains also a 4-bit value that is used for the flank width
modulation.
The Output Compare Registers are 16bit and 12-bit in size. To ensure that both the high and low
bytes are written simultaneously when the CPU writes to these registers, the access is per-
formed using an 8-bit temporary high byte register (TEMP). This temporary register is shared by
all the other 16-bit registers.
16.25.8
PSC 0 Configuration Register – PCNF0
16.25.9
PSC 1 Configuration Register – PCNF1
16.25.10 PSC 2 Configuration Register – PCNF2
The PSC n Configuration Register is used to configure the running mode of the PSC.
• Bit 7 - PFIFTYn: PSC n Fifty
Writing this bit to one, set the PSC in a fifty percent mode where only OCRnRBH/L and OCRn-
SBH/L are used. They are duplicated in OCRnRAH/L and OCRnSAH/L during the update of
OCRnRBH/L. This feature is useful to perform fifty percent waveforms.
• Bit 6 - PALOCKn: PSC n Autolock
When this bit is set, the Output Compare Registers RA, SA, SB, the Output Matrix POM2 and
the PSC Output Configuration PSOCn can be written without disturbing the PSC cycles. The
Read/Write
WWWWWWWW
Initial Value
00000000
Bit
76543210
OCRnRB[15:12]
OCRnRB[11:8]
OCRnRBH
OCRnRB[7:0]
OCRnRBL
Read/Write
WWWWWWWW
Initial Value
00000000
Bit
7
654
3
2
1
0
PFIFTY0
PALOCK0
PLOCK0
PMODE01
PMODE00
POP0
PCLKSEL0
-
PCNF0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
3
2
1
0
PFIFTY1
PALOCK1
PLOCK1
PMODE11
PMODE10
POP1
PCLKSEL1
-
PCNF1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
654
3
2
1
0
PFIFTY2
PALOCK2
PLOCK2
PMODE21
PMODE20
POP2
PCLKSEL2
POME2
PCNF2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com