Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 164 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 160Page - ATMEL Corporation AT90PWM2 Datasheet HTML 161Page - ATMEL Corporation AT90PWM2 Datasheet HTML 162Page - ATMEL Corporation AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation AT90PWM2 Datasheet HTML 164Page - ATMEL Corporation AT90PWM2 Datasheet HTML 165Page - ATMEL Corporation AT90PWM2 Datasheet HTML 166Page - ATMEL Corporation AT90PWM2 Datasheet HTML 167Page - ATMEL Corporation AT90PWM2 Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 361 page
background image
164
4317J–AVR–08/10
AT90PWM2/3/2B/3B
update of the PSC internal registers will be done at the end of the PSC cycle if the Output Com-
pare Register RB has been the last written.
When set, this bit prevails over LOCK (bit 5)
• Bit 5 – PLOCKn: PSC n Lock
When this bit is set, the Output Compare Registers RA, RB, SA, SB, the Output Matrix POM2
and the PSC Output Configuration PSOCn can be written without disturbing the PSC cycles.
The update of the PSC internal registers will be done if the LOCK bit is released to zero.
• Bit 4:3 – PMODEn1: 0: PSC n Mode
Select the mode of PSC.
• Bit 2 – POPn: PSC n Output Polarity
If this bit is cleared, the PSC outputs are active Low.
If this bit is set, the PSC outputs are active High.
• Bit 1 – PCLKSELn: PSC n Input Clock Select
This bit is used to select between CLKPF or CLKPS clocks.
Set this bit to select the fast clock input (CLKPF).
Clear this bit to select the slow clock input (CLKPS).
• Bit 0 – POME2: PSC 2 Output Matrix Enable (PSC2 only)
Set this bit to enable the Output Matrix feature on PSC2 outputs. See “PSC2 Outputs” on page
157
.
When Output Matrix is used, the PSC n Output Polarity POPn has no action on the outputs.
16.25.11 PSC 0 Control Register – PCTL0
Table 16-13. PSC n Mode Selection
PMODEn1
PMODEn0
Description
0
0
One Ramp Mode
01Two Ramp Mode
1
0
Four Ramp Mode
1
1
Center Aligned Mode
Bit
7
654
3
2
1
0
PPRE01
PPRE00
PBFM0
PAOC0B
PAOC0A
PARUN0
PCCYC0
PRUN0
PCTL0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com