Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 167 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 167 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation AT90PWM2 Datasheet HTML 164Page - ATMEL Corporation AT90PWM2 Datasheet HTML 165Page - ATMEL Corporation AT90PWM2 Datasheet HTML 166Page - ATMEL Corporation AT90PWM2 Datasheet HTML 167Page - ATMEL Corporation AT90PWM2 Datasheet HTML 168Page - ATMEL Corporation AT90PWM2 Datasheet HTML 169Page - ATMEL Corporation AT90PWM2 Datasheet HTML 170Page - ATMEL Corporation AT90PWM2 Datasheet HTML 171Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 361 page
background image
167
4317J–AVR–08/10
AT90PWM2/3/2B/3B
• Bit 7:6 – PPRE21:0 : PSC 2 Prescaler Select
This two bits select the PSC input clock division factor.All generated waveform will be modified
by this factor.
• Bit 5 – PBFM2 : Balance Flank Width Modulation
When this bit is clear, Flank Width Modulation operates on On-Time 1 only.
When this bit is set, Flank Width Modulation operates on On-Time 0 and On-Time 1.
• Bit 4 – PAOC2B : PSC 2 Asynchronous Output Control B
When this bit is set, Fault input selected to block B can act directly to PSCOUT21 and
PSCOUT23 outputs. See Section “PSC Clock Sources”, page 159.
• Bit 3 – PAOC2A : PSC 2 Asynchronous Output Control A
When this bit is set, Fault input selected to block A can act directly to PSCOUT20 and
PSCOUT22 outputs. See Section “PSC Clock Sources”, page 159.
• Bit 2 – PARUN2 : PSC 2 Autorun
When this bit is set, the PSC 2 starts with PSC1. That means that PSC 2 starts :
•
when PRUN1 bit in PCTL1 register is set,
•
or when PARUN1 bit in PCTL1 is set and PRUN0 bit in PCTL0 register is set.
• Bit 1 – PCCYC2 : PSC 2 Complete Cycle
When this bit is set, the PSC 2 completes the entire waveform cycle before halt operation
requested by clearing PRUN2. This bit is not relevant in slave mode (PARUN2 = 1).
• Bit 0 – PRUN2 : PSC 2 Run
Writing this bit to one starts the PSC 2.
When set, this bit prevails over PARUN2 bit.
16.25.14 PSC n Input A Control Register – PFRCnA
Table 16-16. PSC 2 Prescaler Selection
PPRE21
PPRE20
Description PWM2/3
Description PWM2B/3B
0
0
No divider on PSC input clock
No divider on PSC input clock
0
1
Divide the PSC input clock by 4
Divide the PSC input clock by 4
1
0
Divide the PSC input clock by 16
Divide the PSC input clock by 32
1
1
Divide the PSC clock by 64
Divide the PSC clock by 256
Bit
7
654
3
2
1
0
PCAEnA
PISELnA
PELEVnA
PFLTEnA
PRFMnA3
PRFMnA2
PRFMnA1
PRFMnA0
PFRCnA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com