Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431CLPR Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TL431CLPR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431CLPR Datasheet(HTML) 69 Page - Texas Instruments

Back Button TL431CLPR Datasheet HTML 65Page - Texas Instruments TL431CLPR Datasheet HTML 66Page - Texas Instruments TL431CLPR Datasheet HTML 67Page - Texas Instruments TL431CLPR Datasheet HTML 68Page - Texas Instruments TL431CLPR Datasheet HTML 69Page - Texas Instruments TL431CLPR Datasheet HTML 70Page - Texas Instruments TL431CLPR Datasheet HTML 71Page - Texas Instruments TL431CLPR Datasheet HTML 72Page - Texas Instruments TL431CLPR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
MECHANICAL DATA
MPSF001F – JANUARY 1996 – REVISED JANUARY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
KTP (R-PSFM-G2)
PowerFLEX
 PLASTIC FLANGE-MOUNT PACKAGE
0.228 (5,79)
0.218 (5,54)
0.233 (5,91)
0.243 (6,17)
0.001 (0,02)
0.005 (0,13)
0.070 (1,78)
Seating Plane
0.080 (2,03)
0.010 (0,25) NOM
Gage Plane
0.010 (0,25)
4073388/M 01/02
0.037 (0,94)
0.047 (1,19)
0.247 (6,27)
0.237 (6,02)
NOM
0.215 (5,46)
0.371 (9,42)
0.381 (9,68)
0.090 (2,29)
0.100 (2,54)
0.287 (7,29)
0.031 (0,79)
0.032 (0,81) MAX
0.277 (7,03)
0.025 (0,63)
0.130 (3,30) NOM
0.090 (2,29)
0.180 (4,57)
M
0.010 (0,25)
0.004 (0,10)
2
°–6°
0.040 (1,02)
0.050 (1,27)
Thermal Tab
(See Note C)
0.010 (0,25) NOM
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. The center lead is in electrical contact with the thermal tab.
D. Dimensions do not include mold protrusions, not to exceed 0.006 (0,15).
E. Falls within JEDEC TO-252 variation AC.
PowerFLEX is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com