Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431CLPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL431CLPR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431CLPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL431CLPR Datasheet HTML 6Page - Texas Instruments TL431CLPR Datasheet HTML 7Page - Texas Instruments TL431CLPR Datasheet HTML 8Page - Texas Instruments TL431CLPR Datasheet HTML 9Page - Texas Instruments TL431CLPR Datasheet HTML 10Page - Texas Instruments TL431CLPR Datasheet HTML 11Page - Texas Instruments TL431CLPR Datasheet HTML 12Page - Texas Instruments TL431CLPR Datasheet HTML 13Page - Texas Instruments TL431CLPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
37
V
IKA
Continuous cathode current range
–100
150
mA
II(ref)
Reference input current range
–0.05
10
mA
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
PACKAGE THERMAL DATA
(1)
PACKAGE
BOARD
qJC
qJA
PDIP (P)
High K, JESD 51-7
57°C/W
85°C/W
SC-70 (DCK)
High K, JESD 51-7
259°C/W
87°C/W
SOIC (D)
High K, JESD 51-7
39°C/W
97°C/W
SOP (PS)
High K, JESD 51-7
46°C/W
95°C/W
SOT-89 (PK)
High K, JESD 51-7
9°C/W
52°C/W
SOT-23-5 (DBV)
High K, JESD 51-7
131°C/W
206°C/W
SOT-23-3 (DBZ)
High K, JESD 51-7
76°C/W
206°C/W
TO-92 (LP)
High K, JESD 51-7
55°C/W
140°C/W
TSSOP (PW)
High K, JESD 51-7
65°C/W
149°C/W
(1)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VKA
Cathode voltage
Vref
36
V
IKA
Cathode current
1
100
mA
TL43xxC
0
70
TA
Operating free-air temperature
TL43xxI
–40
85
°C
TL43xxQ
–40
125
10
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com