Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431CLPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL431CLPR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431CLPR Datasheet(HTML) 3 Page - Texas Instruments

  TL431CLPR Datasheet HTML 1Page - Texas Instruments TL431CLPR Datasheet HTML 2Page - Texas Instruments TL431CLPR Datasheet HTML 3Page - Texas Instruments TL431CLPR Datasheet HTML 4Page - Texas Instruments TL431CLPR Datasheet HTML 5Page - Texas Instruments TL431CLPR Datasheet HTML 6Page - Texas Instruments TL431CLPR Datasheet HTML 7Page - Texas Instruments TL431CLPR Datasheet HTML 8Page - Texas Instruments TL431CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
Vref TOLERANCE (25°C) = 2%
TL431, TL432 ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
PDIP (P)
Tube of 50
TL431CP
TL431CP
Tube of 75
TL431CD
SOIC (D)
TL431C
Reel of 2500
TL431CDR
SOP (PS)
Reel of 2000
TL431CPSR
T431
Reel of 3000
TL431CDBVR
T3C_
Reel of 250
TL431CDBVT
SOT-23-5 (DBV)
Reel of 3000
TL432CDBVR
T4C_
Reel of 250
TL432CDBVT
Reel of 3000
TL431CDBZR
T3C_
0°C to 70°C
Reel of 250
TL431CDBZT
SOT-23-3 (DBZ)
Reel of 3000
TL432CDBZR
T4C_
Reel of 250
TL432CDBZT
TL431CPK
43
SOT-89 (PK)
Reel of 1000
TL432CPK
2A
Bulk of 1000, straight lead
TL431CLP
TO-226/TO-92 (LP)
Ammo of 2000, formed lead
TL431CLPM
TL431C
Reel of 2000, formed lead
TL431CLPR
Tube of 150
TL431CPW
TSSOP (PW)
T431
Reel of 2000
TL431CPWR
PDIP (P)
Tube of 50
TL431IP
TL431IP
Tube of 75
TL431ID
SOIC (D)
TL431I
Reel of 2500
TL431IDR
Reel of 3000
TL431IDBVR
T3I_
Reel of 250
TL431IDBVT
SOT-23-5 (DBV)
Reel of 3000
TL432IDBVR
T4I_
Reel of 250
TL432IDBVT
Reel of 3000
TL431IDBZR
-40°C to 85°C
T3I_
Reel of 250
TL431IDBZT
SOT-23-3 (DBZ)
Reel of 3000
TL432IDBZR
T4I_
Reel of 250
TL432IDBZT
TL431IPK
3I
SOT-89 (PK)
Reel of 1000
TL432IPK
2B
Bulk of 1000, straight lead
TL431ILP
TO-226/TO-92 (LP)
Ammo of 2000, formed lead
TL431ILPM
TL431I
Reel of 2000, formed lead
TL431ILPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com