Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC810 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC810 Datasheet HTML 4Page - Semtech Corporation SC810 Datasheet HTML 5Page - Semtech Corporation SC810 Datasheet HTML 6Page - Semtech Corporation SC810 Datasheet HTML 7Page - Semtech Corporation SC810 Datasheet HTML 8Page - Semtech Corporation SC810 Datasheet HTML 9Page - Semtech Corporation SC810 Datasheet HTML 10Page - Semtech Corporation SC810 Datasheet HTML 11Page - Semtech Corporation SC810 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SC810
8
Pin Descriptions
Pin #
Pin Name
Pin Function
1
VIN
Supply pin
— connect to charging adapter (wall adapter or USB). This is a high voltage (30V) pin.
2STATB
Status output pin
— This open-drain pin is asserted (pulled low) when a valid charging supply is connected to
VIN, and a charging cycle begins. It is released when the termination current is reached, indicating that charging is
complete. STATB is not asserted for re-charge cycles.
3
GND
Ground
4
IPRGM
Fast-charge and pre-charge current programming pin
— Fast-charge current is programmed by connecting
a resistor from this pin to ground. Pre-charge current is 20% of fast-charge current. The charging termination
threshold current is 10% of the IPRGM programmed fast-charge current.
5BAT
Charger output
— connect to battery positive terminal.
6
ENB
Combined device enable/disable — Logic high disables the device. Connect to GND to enable charging with
indefinite float-charging. Float this pin to enable charging without float-charge upon termination. Note that this
pin must be grounded if the SC810 is to be operated without a battery connected to BAT.
T
Thermal Pad
Pad is for heat sinking purposes
— not connected internally. Connect exposed pad to ground plane using mul-
tiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com